Electronic Components Datasheet Search
  English  ▼

X  

DF1706E Datasheet(PDF) 2 Page - Texas Instruments

Part # DF1706E
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DF1706E Datasheet(HTML) 2 Page - Texas Instruments

  DF1706E Datasheet HTML 1Page - Texas Instruments DF1706E Datasheet HTML 2Page - Texas Instruments DF1706E Datasheet HTML 3Page - Texas Instruments DF1706E Datasheet HTML 4Page - Texas Instruments DF1706E Datasheet HTML 5Page - Texas Instruments DF1706E Datasheet HTML 6Page - Texas Instruments DF1706E Datasheet HTML 7Page - Texas Instruments DF1706E Datasheet HTML 8Page - Texas Instruments DF1706E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DF1706
2
SBAS182
SPECIFICATIONS
All specifications at TA = +25°C, VDD = 3.3V, fS = 44.1kHz, system clock = 256fS/384fS, 16-bit data, unless otherwise noted.
DF1706E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
INPUT DATA FORMAT
Audio Data Interface Format
Standard , Left-Justified , I2S
Audio Data Bit Length
16, 20, 24 Selectable
Audio Data Format
MSB First, Binary Two’s Complement
Sampling Frequency
fS
32
192
kHz
System Clock Frequency(1)
128/192/256/384/512/768
fS
OUTPUT DATA FORMAT
Audio Data Interface Format
Right-Justified
Audio Data Bit Length
16, 20, 24 Selectable
Audio Data Format
MSB First, Binary Two’s Complement
DIGITAL INPUT/OUTPUT
CMOS Compatible
Input Logic Level:
VIH
0.7VDD
V
VIL
0.3VDD
V
Output Logic Level: VOH
IOH = 2mA
2.4
V
VOL
IOL = 4mA
1.0
V
CLKO AC CHARACTERISTICS(2)
Rise Time
tR
20% to 80% VDD, 20pF
4
ns
Fall Time
tF
80% to 20% VDD, 20pF
3
ns
Duty Cycle(2)
20pF Load
50
%
DIGITAL FILTER PERFORMANCE
Filter Characteristics 1 (Sharp Roll-Off)
Passband
±0.00005dB
0.454
fS
–3dB
0.493
fS
Stopband
0.546
fS
Passband Ripple
±0.00005
dB
Stopband Attenuation
Stopband = 0.546fS
–115
dB
Filter Characteristics 2 (Slow Roll-Off)
Passband Ripple
±0.0001dB
0.254
fS
–3dB
0.460
fS
Stopband
0.732
fS
Passband Ripple
±0.0001
dB
Stopband Attenuation
Stopband = 0.748fS
–100
dB
Delay Time
45.125/fS
sec
De-Emphasis Error
±0.004
dB
POWER-SUPPLY REQUIREMENTS
Voltage Range
VDD
3.0
3.3
3.6
VDC
Supply Current
IDD
VDD = 3.3V
30
45
mA
Power Dissipation
VDD = 3.3V
99
149
mW
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+125
°C
Thermal Resistance,
θ
JA
SSOP-28
100
°C
NOTES: (1) Refer to Table I. (2) Crystal resonator used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com