Electronic Components Datasheet Search
  English  ▼

X  

DF1706E Datasheet(PDF) 3 Page - Texas Instruments

Part # DF1706E
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DF1706E Datasheet(HTML) 3 Page - Texas Instruments

  DF1706E Datasheet HTML 1Page - Texas Instruments DF1706E Datasheet HTML 2Page - Texas Instruments DF1706E Datasheet HTML 3Page - Texas Instruments DF1706E Datasheet HTML 4Page - Texas Instruments DF1706E Datasheet HTML 5Page - Texas Instruments DF1706E Datasheet HTML 6Page - Texas Instruments DF1706E Datasheet HTML 7Page - Texas Instruments DF1706E Datasheet HTML 8Page - Texas Instruments DF1706E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DF1706
3
SBAS182
PIN
NAME
I/O
DESCRIPTION
1DIN
IN
Serial Audio Data Input(1)
2
BCKIN
IN
Bit Clock Input for Serial Audio Data(1)
3I2S
IN
Input Audio Data Format Select(2, 4)
4
IW0
IN
Input Audio Data Word Select(2, 4)
5
IW1
IN
Input Audio Data Word Select(2, 4)
6
XTI
IN
Oscillator Input /External Clock Input
7
XTO
OUT
Oscillator Output
8
DGND
—
Digital Ground
9
CLKO
OUT
Buffered System Clock Output
10
MODE
IN
Mode Control Select (HIGH: Software Mode,
LOW: Hardware Mode)(3)
11
MD/CKO
IN
Mode Control, Data/Half External Clock Fre-
quency Select(3, 5)
12
MC/LRIP
IN
Mode Control, Clock/Polarity of LRCIN Select(3, 5)
13
ML/RESV
IN
Mode Control, Latch Clock/Reserve(3, 5)
14
RST
IN
Reset, Active LOW. When this pin is LOW the
DF and modulators are held in reset.(3)
15
MUTE
IN
Mute Control, Active LOW(4)
16
DEM
IN
De-Emphasis Control(2, 4)
17
SF0
IN
Sampling Rate Select for De-emphasis(2, 4)
18
SF1
IN
Sampling Rate Select for De-emphasis(2, 4)
19
OW0
IN
Output Audio Data Word Select(2, 4)
20
OW1
IN
Output Audio Data Word Select(2, 4)
21
x4
IN
Oversampling Ratio Control. When this pin is
set HIGH, the ratio is 4 times.
22
VDD
—
Digital Power, +3.3V
23
DOR
OUT
R-Channel, Serial Audio Data Output
24
DOL
OUT
L-Channel, Serial Audio Data Output
25
WCKO
OUT
Word Clock Output for Serial Audio Data Output
26
BCKO
OUT
Bit Clock Output for Serial Audio Data Output
27
SRO
IN
Filter Response Select (2, 4)
28
LRCIN
IN
L/R Clock Input (fS)(1)
NOTES: (1) Pins 1, 2, 28—Schmitt-Trigger input without pull-up and -down
resistor. (2) Pins 3-5, 16-21, 27—Schmitt-Trigger input without pull-up and
-down resistor. (3) Pins 10-15—Schmitt-Trigger input without pull-up and
-down resistor. (4) Pins 3-5, 15-20, 27—these pins are invalid when MODE
(pin 10) is HIGH. (5) Pins 11-13—these pins have different functions corre-
sponding to MODE (pin 10) HIGH/LOW.
PIN ASSIGNMENTS
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Supply Voltage .................................................................................. +4.0V
Digital Input Voltage .............................................................. –0.2V to 4.5V
Input Current (any pins except supplies) ........................................
±10mA
Operating Temperature Range ......................................... –25
°C to +85°C
Ambient Storage Temperature ....................................... –40
°C to +125°C
Junction Temperature ................................................................... +150
°C
Lead Temperature (soldering, 5s) ................................................. +260
°C
Package Temperature (IR reflow, Peak, 10s) ................................ +235
°C
ABSOLUTE MAXIMUM RATINGS
D
IN
BCKIN
I2S
IW0
IW1
XTI
XTO
DGND
CLKO
MODE
MD/CKO
MC/LRIP
ML/RSV
RST
LRCIN
SRO
BCKO
WCKO
DOL
DOR
V
DD
x4
OW1
OW0
SF1
SF0
DEM
MUTE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DF1706E
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
DF1706E
SSOP-28
324
–25
°C to +85°C
DF1706E
DF1706E
Rails
""
"
"
"
DF1706E/2K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “DF1706E/2K” will get a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
Top View
SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com