Electronic Components Datasheet Search
  English  ▼

X  

TPS6735IP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6735IP
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6735IP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS6735IP Datasheet HTML 5Page - Texas Instruments TPS6735IP Datasheet HTML 6Page - Texas Instruments TPS6735IP Datasheet HTML 7Page - Texas Instruments TPS6735IP Datasheet HTML 8Page - Texas Instruments TPS6735IP Datasheet HTML 9Page - Texas Instruments TPS6735IP Datasheet HTML 10Page - Texas Instruments TPS6735IP Datasheet HTML 11Page - Texas Instruments TPS6735IP Datasheet HTML 12Page - Texas Instruments TPS6735IP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TPS6735
FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER
SLVS141A − JULY 1996 − REVISED JANUARY 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
4
2
0
0
− 2
− 4
− 6
VI = 5 V
VO = −5 V
IO = 100 mA
2.5 ms/div
t − Time − s
Figure 6. Enable Response Time
system typical characteristics
Figure 7
EFFICIENCY
vs
LOAD CURRENT
IL − Load Current − mA
TA = 25°C
(see Figure 15)
74
72
70
68
50
100
150
200
76
78
80
250
300
VI = 4 V
VI = 5 V
VI = 6 V
Figure 8
IL − Load Current − mA
1
0.6
0.2
0
0
50
100
150
200
1.2
1.4
PEAK INDUCTOR CURRENT
vs
LOAD CURRENT
1.8
250
300
350
VI = 5 V
(see Figure 15)
1.6
0.8
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com