Electronic Components Datasheet Search
  English  ▼

X  

TPS6735IP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6735IP
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6735IP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS6735IP Datasheet HTML 10Page - Texas Instruments TPS6735IP Datasheet HTML 11Page - Texas Instruments TPS6735IP Datasheet HTML 12Page - Texas Instruments TPS6735IP Datasheet HTML 13Page - Texas Instruments TPS6735IP Datasheet HTML 14Page - Texas Instruments TPS6735IP Datasheet HTML 15Page - Texas Instruments TPS6735IP Datasheet HTML 16Page - Texas Instruments TPS6735IP Datasheet HTML 17Page - Texas Instruments TPS6735IP Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TPS6735
FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER
SLVS141A − JULY 1996 − REVISED JANUARY 1997
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
TEXAS INSTRUMENTS
C1
P1
R3
R1
C3
R2
C4
L1
U1
C5
J1
D1
C2
P2
SLVP095
TPS6735 EVALUATION BOARD
SOLDER PASTE MASK
Figure 17. Solder Paste Mask
COMPONENT SIDE
Figure 18. PC Component Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com