Electronic Components Datasheet Search
  English  ▼

X  

TPS6735IP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6735IP
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6735IP Datasheet(HTML) 1 Page - Texas Instruments

  TPS6735IP Datasheet HTML 1Page - Texas Instruments TPS6735IP Datasheet HTML 2Page - Texas Instruments TPS6735IP Datasheet HTML 3Page - Texas Instruments TPS6735IP Datasheet HTML 4Page - Texas Instruments TPS6735IP Datasheet HTML 5Page - Texas Instruments TPS6735IP Datasheet HTML 6Page - Texas Instruments TPS6735IP Datasheet HTML 7Page - Texas Instruments TPS6735IP Datasheet HTML 8Page - Texas Instruments TPS6735IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TPS6735
FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER
SLVS141A − JULY 1996 − REVISED JANUARY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Negative 5-V 200-mA Output (VCC ≥ 4.5 V)
D 4-V to 6.2-V Input Operating Range
D 78% Typical Efficiency
D 160-kHz Fixed-Frequency Current-Mode
PWM Controller
D EN Input Inhibits Operation and Reduces
Supply Current to 1
µA
D Soft Start
D 8-Pin SOIC and DIP Packages
D −40°C to 85°C Free-Air Temperature Range
D Pin-for-Pin Compatible with MAX735
description
The TPS6735 is a fixed negative 5-V output inverting dc/dc converter capable of delivering 200 mA from inputs
as low as 4.5 V. The only external components required are an inductor, an output filter capacitor, an input filter
capacitor, a reference filter capacitor, and a Schottky rectifier. An enable input is provided to shut down the
inverter when a −5-V output is not needed. The typical supply current is 1.9 mA at no-load and is further reduced
to 1-
µA when the enable input is low.
The TPS6735 is a 160-kHz current-mode pulse-width-modulation (PWM) controller with a p-channel MOSFET
power switch. The gate drive uses the −5-V output to reduce the die area needed to realize the 0.4-
Ω MOSFET.
Soft start is accomplished with the addition of one small capacitor at SS. A 1.22-V reference is available for
external loads up to 125
µA.
The TPS6735 is attractive for board-level dc/dc conversion in computer peripherals and in battery-powered
equipment requiring high efficiency and low supply current.
The TPS6735 is available in 8-pin DIP and SOIC packages and operates over a free-air temperature range of
−40
°C to 85°C.
EN
REF
SS
COMP
VCC
OUT
GND
FB
TPS6735
1
2
3
4
8
7
6
5
1
µF
+
47
µF
+
82 pF†
10
µF
10
µH
1N5817
100
µF
+
− 5 V
VI
4 V to 6.2 V
ENABLE
† Not required for loads of 100 mA or less
Figure 1. Typical Circuit
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
EN
REF
SS
COMP
VCC
OUT
GND
FB
D OR P PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1997, Texas Instruments Incorporated


Similar Part No. - TPS6735IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6735IP TI2-TPS6735IP Datasheet
475Kb / 23P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
REVISED JANUARY 1997
TPS6735IP.A TI2-TPS6735IP.A Datasheet
475Kb / 23P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
REVISED JANUARY 1997
TPS6735IPE4 TI2-TPS6735IPE4 Datasheet
475Kb / 23P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
REVISED JANUARY 1997
More results

Similar Description - TPS6735IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
1.0MHz Inverting DC/DC Converter
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
logo
Texas Instruments
SLVS141A TI1-SLVS141A Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Analog Devices
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
logo
Texas Instruments
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com