Electronic Components Datasheet Search
  English  ▼

X  

DS1086 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1086
Description  DS1086 Spread-Spectrum EconOscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1086 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1086 Datasheet HTML 6Page - Dallas Semiconductor DS1086 Datasheet HTML 7Page - Dallas Semiconductor DS1086 Datasheet HTML 8Page - Dallas Semiconductor DS1086 Datasheet HTML 9Page - Dallas Semiconductor DS1086 Datasheet HTML 10Page - Dallas Semiconductor DS1086 Datasheet HTML 11Page - Dallas Semiconductor DS1086 Datasheet HTML 12Page - Dallas Semiconductor DS1086 Datasheet HTML 13Page - Dallas Semiconductor DS1086 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
DS1086 Spread-Spectrum EconOscillator
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
14 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2002 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Chip Topology
TRANSISTOR COUNT: 10,000
SUBSTRATE CONNECTED TO GROUND
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.
SLAVE
ACK
10
1
1
R/W
A0*
A1*
SLAVE
ACK
A2*
MSB
LSB
DEVICE IDENTIFIER
DEVICE
ADDRESS
READ/
WRITE
MSB
LSB
COMMAND/REGISTER ADDRESS
SLAVE
ACK
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
SLAVE
ACK
STOP
*THE ADDRESS DETERMINED BY A0, A1, AND A2 MUST
MATCH THE ADDRESS SET IN THE ADDR REGISTER.
DATA
TYPICAL 2-WIRE WRITE TRANSACTION
EXAMPLE 2-WIRE TRANSACTIONS (WHEN A0, A1, AND A2 ARE ZERO)
A) SINGLE BYTE WRITE
-WRITE OFFSET REGISTER
B) SINGLE BYTE READ
-READ OFFSET REGISTER
C) TWO BYTE WRITE
-WRITE DAC REGISTER
D) TWO BYTE READ
-READ DAC REGISTER
START
START
START
START
START
B0h
B0h
B0h
B0h
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
0Eh
0Eh
08h
08h
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
DATA
SLAVE
ACK
STOP
OFFSET
10110000
10110000
10110000
10110000
10110001
REPEATED
START
SLAVE
ACK
DAC MSB
MASTER
ACK
DAC LSB
DATA
MASTER
NACK
STOP
DATA
B1h
b7
b6
b5
b4
b3
b2
b1
b0
00001110
00001110
00001000
00001000
REPEATED
START
DATA
OFFSET
MASTER
NACK
STOP
SLAVE
ACK
10110001
B1h
STOP
SLAVE
ACK
DAC LSB
DATA
SLAVE
ACK
DAC MSB
DATA
Figure 7. 2-Wire Transactions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com