Electronic Components Datasheet Search
  English  ▼

X  

DS1086 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1086
Description  DS1086 Spread-Spectrum EconOscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1086 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1086 Datasheet HTML 1Page - Dallas Semiconductor DS1086 Datasheet HTML 2Page - Dallas Semiconductor DS1086 Datasheet HTML 3Page - Dallas Semiconductor DS1086 Datasheet HTML 4Page - Dallas Semiconductor DS1086 Datasheet HTML 5Page - Dallas Semiconductor DS1086 Datasheet HTML 6Page - Dallas Semiconductor DS1086 Datasheet HTML 7Page - Dallas Semiconductor DS1086 Datasheet HTML 8Page - Dallas Semiconductor DS1086 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1086 Spread-Spectrum EconOscillator
_____________________________________________________________________
3
MASTER OSCILLATOR CHARACTERISTICS
(VCC = 5V ±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Master Oscillator Range
fOSC
(Note 2)
66
133
MHz
Default Master Oscillator Frequency
f0
97.1
MHz
Default frequency(f0)
-0.75
+0.75
Master Oscillator Frequency
Tolerance
∆f0
f0
VCC = 5V,
TA = +25
°C
(Notes 3,17)
DAC step size
-0.75
+0.75
%
Default frequency
-0.75
+0.75
Voltage Frequency Variation
∆fV
f0
Over voltage range,
TA = +25
°C (Note 4) DAC step size
-0.75
+0.75
%
Default frequency
-0.5
+0.5
133MHz
-0.5
+0.5
Temperature Frequency Variation
∆fT
f0
Over temperature
range, VCC = 5V
(Note 5)
66MHz
-1.0
+1.0
%
Prescaler bit J0 = 1 (Note 6)
2
Dither Frequency Range
∆f
f0
Prescaler bit J0 = 0 (Note 6)
4
%
Integral Nonlinearity of Frequency
DAC
INL
Entire range (Note 7)
-0.4
+0.4
%
DAC Step Size
∆ between two consecutive DAC values
(Note 8)
10
kHz
DAC Span
Frequency range for one offset setting
(see Table 2)
10.24
MHz
DAC Default
Factory default register setting
500
decimal
Offset Step Size
∆ between two consecutive offset values
(see Table 2)
5.12
MHz
Offset Default
OS
Factory default OFFSET register setting
(5 LSBs) (see Table 2)
RANGE
(5 LSBs of
RANGE register)
hex
Dither Rate
f0/4096
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com