Electronic Components Datasheet Search
  English  ▼

X  

DS1086 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1086
Description  DS1086 Spread-Spectrum EconOscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1086 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1086 Datasheet HTML 1Page - Dallas Semiconductor DS1086 Datasheet HTML 2Page - Dallas Semiconductor DS1086 Datasheet HTML 3Page - Dallas Semiconductor DS1086 Datasheet HTML 4Page - Dallas Semiconductor DS1086 Datasheet HTML 5Page - Dallas Semiconductor DS1086 Datasheet HTML 6Page - Dallas Semiconductor DS1086 Datasheet HTML 7Page - Dallas Semiconductor DS1086 Datasheet HTML 8Page - Dallas Semiconductor DS1086 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS1086 Spread-Spectrum EconOscillator
4
_____________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Frequency Stable After Prescaler
Change
1
Period
Frequency Stable After DAC or
Offset Change
(Note 9)
0.2
1
ms
Power-Up Time
tpor + tstab (Note 10)
0.1
0.5
ms
Enable of OUT After Exiting
Power-Down Mode
tstab
500
µs
OUT High-Z After Entering
Power-Down Mode
tpdn
0.1
ms
Load Capacitance
CL
(Note 11)
15
50
pF
Output Duty Cycle (OUT)
40
60
%
PDN Rise/Fall Time
1µs
AC ELECTRICAL CHARACTERISTICS: 2-WIRE INTERFACE
(VCC = 5V ±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Fast mode
400
SCL Clock Frequency
fSCL
Standard mode
(Note 12)
100
kHz
Fast mode
1.3
Bus Free Time Between a STOP
and START Condition
tBUF
Standard mode
(Note 12)
4.7
µs
Fast mode
0.6
Hold Time (Repeated) START
Condition
tHD:STA
Standard mode
(Notes 12, 13)
4.0
µs
Fast mode
1.3
LOW Period of SCL
tLOW
Standard mode
(Note 12)
4.7
µs
Fast mode
0.6
HIGH Period of SCL
tHIGH
Standard mode
(Note 12)
4.0
µs
Fast mode
0.6
Setup Time for a Repeated
START
tSU:STA
Standard mode
(Note 12)
4.7
µs
Fast mode
Data Hold Time
tHD:DAT
Standard mode
(Notes 12, 14, 15)
0
0.9
µs
Fast mode
100
Data Setup Time
tSU:DAT
Standard mode
(Note 12)
250
ns
Fast mode
20 + 0.1CB
300
Rise Time of Both SDA and SCL
Signals
tR
Standard mode
(Note 16)
20 + 0.1CB
1000
ns
Fast mode
20 + 0.1CB
300
Fall Time of Both SDA and SCL
Signals
tF
Standard mode
(Note 16)
20 + 0.1CB
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com