Electronic Components Datasheet Search
  English  ▼

X  

DS1646 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1646
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1646 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1646 Datasheet HTML 1Page - Dallas Semiconductor DS1646 Datasheet HTML 2Page - Dallas Semiconductor DS1646 Datasheet HTML 3Page - Dallas Semiconductor DS1646 Datasheet HTML 4Page - Dallas Semiconductor DS1646 Datasheet HTML 5Page - Dallas Semiconductor DS1646 Datasheet HTML 6Page - Dallas Semiconductor DS1646 Datasheet HTML 7Page - Dallas Semiconductor DS1646 Datasheet HTML 8Page - Dallas Semiconductor DS1646 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
022101
FEATURES
Integrates NV SRAM, real time clock,
crystal, power-fail control circuit and lithium
energy source
Clock registers are accessed identically to the
static RAM. These registers are resident in
the eight top RAM locations
Totally nonvolatile with over 10 years of
operation in the absence of power
BCD coded year, month, date, day, hours,
minutes, and seconds with leap year
compensation valid up to 2100
Power-fail write protection allows for ±10%
VCC power supply tolerance
DS1646 only (DIP Module)
− Standard JEDEC bytewide 128k x 8 RAM
pinout
DS1646P only (PowerCap
® Module Board)
− Surface mountable package for direct
connection to PowerCap containing battery
and crystal
− Replaceable battery (PowerCap)
− Power-fail output
− Pin-for-pin compatible with other densities
of DS164XP Timekeeping RAM
ORDERING INFORMATION
DS1646
32-pin DIP module
*DS1646P
34-pin PowerCap Module
Board
*DS9034PCX
Power Cap
(Required; must be ordered
separately)
PIN ASSIGNMENT
DS1646/DS1646P
Nonvolatile Timekeeping RAM
www.dalsemi.com
1
NC
2
3
A15
A16
PFO
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
NC
A14
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
NC
X1
GND VBAT
X2
34-Pin PowerCap Module Board
(Uses DS9034PCX PowerCap)
13
1
2
3
4
5
6
7
8
9
10
11
12
14
31
32-Pin Encapsulated Package
A14
A7
A5
A4
A3
A2
A1
A0
DQ1
DQ0
VCC
A15
NC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ5
DQ6
32
30
29
28
27
26
25
24
23
22
21
19
20
A16
A12
A6
NC
DQ2
GND
15
16
18
17
DQ4
DQ3


Similar Part No. - DS1646

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
Nonvolatile Timekeeping RAM
Rev 10/10
logo
Dallas Semiconductor
DS1646P DALLAS-DS1646P Datasheet
39Kb / 2P
PowerCap with Crystal
More results

Similar Description - DS1646

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
Nonvolatile Timekeeping RAM
DS1644LPM DALLAS-DS1644LPM Datasheet
108Kb / 11P
Nonvolatile Timekeeping RAM?
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1642 MAXIM-DS1642 Datasheet
145Kb / 13P
Nonvolatile Timekeeping RAM
Rev 5/10
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
Nonvolatile Timekeeping RAM
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
Nonvolatile Timekeeping RAM
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com