Electronic Components Datasheet Search
  English  ▼

X  

DS1646 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1646
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1646 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1646 Datasheet HTML 3Page - Dallas Semiconductor DS1646 Datasheet HTML 4Page - Dallas Semiconductor DS1646 Datasheet HTML 5Page - Dallas Semiconductor DS1646 Datasheet HTML 6Page - Dallas Semiconductor DS1646 Datasheet HTML 7Page - Dallas Semiconductor DS1646 Datasheet HTML 8Page - Dallas Semiconductor DS1646 Datasheet HTML 9Page - Dallas Semiconductor DS1646 Datasheet HTML 10Page - Dallas Semiconductor DS1646 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DS1646/DS1646P
10 of 11
DS1646 32-PIN PACKAGE
PKG
28-PIN
DIM
MIN
MAX
A IN.
MM
1.670
38.42
1.690
38.93
B IN.
MM
0.715
18.16
0.740
18.80
C IN.
MM
0.335
8.51
0.365
9.27
D IN.
MM
0.075
1.91
0.105
2.67
E IN.
MM
0.015
0.38
0.030
0.76
F IN.
MM
0.140
3.56
0.180
4.57
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.590
14.99
0.630
16.00
J IN.
MM
0.010
0.25
0.018
0.45
K IN.
MM
0.015
0.38
0.025
0.64
DS1646P
PKG
INCHES
DIM
MIN
NOM
MAX
A
0.920
0.925
0.930
B
0.980
0.985
0.990
C
-
-
0.080
D
0.052
0.055
0.058
E
0.048
0.050
0.052
F
0.015
0.020
0.025
G
0.025
0.027
0.030
NOTE:
For the PowerCap version:
a.
Dallas Semiconductor recommends that PowerCap Module bases experience one pass through solder
reflow oriented with the label side up (“live - bug”).
b. Hand Soldering and touch-up: Do not touch or apply the soldering iron to leads for more than
3 (three) seconds. To solder, apply flux to the pad, heat the lead frame pad and apply solder. To
remove the part, apply flux, heat the lead frame pad until the solder reflows and use a solder wick to
remove solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com