Electronic Components Datasheet Search
  English  ▼

X  

DS1646 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1646
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1646 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1646 Datasheet HTML 1Page - Dallas Semiconductor DS1646 Datasheet HTML 2Page - Dallas Semiconductor DS1646 Datasheet HTML 3Page - Dallas Semiconductor DS1646 Datasheet HTML 4Page - Dallas Semiconductor DS1646 Datasheet HTML 5Page - Dallas Semiconductor DS1646 Datasheet HTML 6Page - Dallas Semiconductor DS1646 Datasheet HTML 7Page - Dallas Semiconductor DS1646 Datasheet HTML 8Page - Dallas Semiconductor DS1646 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS1646/DS1646P
3 of 11
BLOCK DIAGRAM DS1646 Figure 1
TRUTH TABLE DS1646 Table 1
VCC
CE
OE
WE
MODE
DQ
POWER
VIH
X
X
DESELECT
HIGH-Z
STANDBY
X
X
X
DESELECT
HIGH-Z
STANDBY
VIL
XVIL
WRITE
DATA IN
ACTIVE
VIL
VIL
VIH
READ
DATA OUT
ACTIVE
5V
± 10%
VIL
VIH
VIH
READ
HIGH-Z
ACTIVE
<4.5V >VBAT
X
X
X
DESELECT
HIGH-Z
CMOS STANDBY
<VBAT
X
X
X
DESELECT
HIGH-Z
DATA RETENTION
MODE
SETTING THE CLOCK
The MSB Bit, B7, of the control register is the write bit. Setting the write bit to a 1, like the read bit halts
updates to the DS1646 registers. The user can then load them with the correct day, date and time data in
24-hour BCD format. Resetting the write bit to a 0 then transfers those values to the actual clock counters
and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off
to minimize current drain from the battery. The OSC bit is the MSB for the second’s registers. Setting it
to a 1 stops the oscillator.
FREQUENCY TEST BIT
Bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to logic 1 and
the oscillator is running, the LSB of the second’s register will toggle at 512 Hz. When the seconds
register is being read, the DQ0 line will toggle at the 512 Hz frequency as long as conditions for access
remain valid (i.e., CE low, OE low, and address for seconds register remain valid and stable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com