Electronic Components Datasheet Search
  English  ▼

X  

TLF4949 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLF4949
Description  5V Low Drop Out Linear Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF4949 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLF4949 Datasheet HTML 9Page - Infineon Technologies AG TLF4949 Datasheet HTML 10Page - Infineon Technologies AG TLF4949 Datasheet HTML 11Page - Infineon Technologies AG TLF4949 Datasheet HTML 12Page - Infineon Technologies AG TLF4949 Datasheet HTML 13Page - Infineon Technologies AG TLF4949 Datasheet HTML 14Page - Infineon Technologies AG TLF4949 Datasheet HTML 15Page - Infineon Technologies AG TLF4949 Datasheet HTML 16Page - Infineon Technologies AG TLF4949 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TLF4949
Data Sheet
13
Rev. 1.0, 2012-05-07
Dropout Voltage
V
DR versus
Junction Temperature
T
J
Quiescent Current
I
Q versus
Output Current
I
OUT
Quiescent Current
I
QSE versus
Junction Temperature
T
J
Quiescent Current
I
Q
versus Input Voltage
V
IN
0
0,1
0,2
0,3
0,4
-40
0
40
80
120
T
J [°C]
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
0
0,5
1
1,5
2
2,5
3
0,1
1
10
100
IOUT [mA]
VIN = 14V
TJ = 25°C
100
150
200
250
300
-40
0
40
80
120
TJ [°C]
VIN = 14V
IOUT= 0.3mA
0
0,5
1
1,5
2
2,5
3
0
5
10
15
20
25
30
35
40
VIN [V]
RLOAD = 100Ω
RLOAD = 5kΩ
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com