Electronic Components Datasheet Search
  English  ▼

X  

TLF4949 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLF4949
Description  5V Low Drop Out Linear Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF4949 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLF4949 Datasheet HTML 14Page - Infineon Technologies AG TLF4949 Datasheet HTML 15Page - Infineon Technologies AG TLF4949 Datasheet HTML 16Page - Infineon Technologies AG TLF4949 Datasheet HTML 17Page - Infineon Technologies AG TLF4949 Datasheet HTML 18Page - Infineon Technologies AG TLF4949 Datasheet HTML 19Page - Infineon Technologies AG TLF4949 Datasheet HTML 20Page - Infineon Technologies AG TLF4949 Datasheet HTML 21Page - Infineon Technologies AG TLF4949 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Data Sheet
18
Rev. 1.0, 2012-05-07
TLF4949
Application Information
Figure 8
Reset Circuit
The reaction time of the reset circuit corresponds to its noise immunity. Standby output voltage drops below the
reset threshold that are only marginally longer than the reaction time will result in a shorter reset delay times.
The nominal reset delay time will be generated for standby output voltage drops longer than approximately 50µs.
The typical reset output waveforms are shown in Figure 9 “Typical Reset Output Waveforms” on Page 18.
Figure 9
Typical Reset Output Waveforms
Reset .vsd
OUT
Ref 1,23V
22K
2.0V
Reset
2uA
D
VReg
Reset _diagram.vsd
OUT
t
1.5V
5.0V
40V
VRT
VIN
VOUT
tRD
tRR
tRD
Reset
VRT + 0.1V
tR
Switch on
Switch off
Input drop
Dump
Output overload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com