Electronic Components Datasheet Search
  English  ▼

X  

TLF4949 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLF4949
Description  5V Low Drop Out Linear Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF4949 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLF4949 Datasheet HTML 15Page - Infineon Technologies AG TLF4949 Datasheet HTML 16Page - Infineon Technologies AG TLF4949 Datasheet HTML 17Page - Infineon Technologies AG TLF4949 Datasheet HTML 18Page - Infineon Technologies AG TLF4949 Datasheet HTML 19Page - Infineon Technologies AG TLF4949 Datasheet HTML 20Page - Infineon Technologies AG TLF4949 Datasheet HTML 21Page - Infineon Technologies AG TLF4949 Datasheet HTML 22Page - Infineon Technologies AG TLF4949 Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TLF4949
Application Information
Data Sheet
19
Rev. 1.0, 2012-05-07
Sense Comparator
The sense comparator compares an input signal with the internal voltage reference of typical 1.23V. The use of
an external voltage divider makes this comparator very flexible in the application.
It can be used to supervise the input voltage either before or after a protection diode and to give additional
informations to the microprocessor like low voltage warnings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com