Electronic Components Datasheet Search
  English  ▼

X  

DP7172 Datasheet(PDF) 9 Page - Copal Electronics

Part # DP7172
Description  256-Position SPI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7172 Datasheet(HTML) 9 Page - Copal Electronics

Back Button DP7172 Datasheet HTML 3Page - Copal Electronics DP7172 Datasheet HTML 4Page - Copal Electronics DP7172 Datasheet HTML 5Page - Copal Electronics DP7172 Datasheet HTML 6Page - Copal Electronics DP7172 Datasheet HTML 7Page - Copal Electronics DP7172 Datasheet HTML 8Page - Copal Electronics DP7172 Datasheet HTML 9Page - Copal Electronics DP7172 Datasheet HTML 10Page - Copal Electronics DP7172 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DP7172
9
For RAB = 100 k and the B terminal open circuited, the
following output resistance RWA will be set for the indicated
Wiper register codes.
Table 8. CODES AND CORRESPONDING RWA
RESISTANCE FOR RAB = 100 k ,VDD =5V
D (Dec.)
RWA ( )
Output State
255
441
Full Scale
128
50,050
Midscale
1
99,659
1 LSB
0
100,050
Zero Scale
Typical device to device resistance matching is lot
dependent and may vary by up to 20%.
SPI Compatible 3 Wire Serial Bus
Control of DP7172 is through a
SPI compatible
digital interface (SDI, CS, and CLK).
The CLK input is rising edge sensitive and requires crisp
transitions to avoid clocking incorrect data into the serial
input register. When CS is low, the clock loads data into the
serial register on each positive clock edge (Figure 1). Each
8 bit serial word must be loaded starting with the MSB. The
format of the word is shown in Table 6.
Data loaded into
serial input register is
transferred to the internal Wiper register when the CS line
returns to logic high. Extra MSB bits are ignored.
ESD Protection
GND
LOGIC
Digital
Input
GND
Potentiometer
Figure 15. ESD Protection Networks
Terminal Voltage Operating Range
The DP7172 VDD and GND power supply define the
limits for proper 3 terminal digital potentiometer operation.
Signals or potentials applied to terminals A, B or the wiper
must remain inside the span of VDD and GND. Signals
which attempt to go outside these boundaries will be
clamped by the internal forward biased diodes.
W, A, B
DP7172
LOGIC
GND
Figure 16.
VDD
Power up Sequence
Because ESD protection diodes limit the voltage
compliance at terminals A, B, and W (see Figure 15), it is
recommended that VDD/GND be powered before applying
any voltage to terminals A, B, and W. The ideal power up
sequence is: GND, VDD, digital inputs, and then VA/B/W. The
order of powering VA, VB,VW, and the digital inputs is not
important as long as they are powered after VDD/GND.
Power Supply Bypassing
Good design practice employs compact, minimum lead
length layout design. Leads should be as direct as possible.
It is also recommended to bypass the power supplies with
quality low ESR Ceramic chip capacitors of 0.01
Fto
0.1 F. Low ESR 1 Fto10 F tantalum or electrolytic
capacitors can also be applied at the supplies to suppress
transient disturbances and low frequency ripple. As a further
precaution digital ground should be joined remotely to the
analog ground at one point to minimize the ground bounce.
DP7172
GND
+
10 F
0.1 F
Figure 17. Power Supply Bypassing
VDD
VDD
C3
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com