Electronic Components Datasheet Search
  English  ▼

X  

DP7172 Datasheet(PDF) 6 Page - Copal Electronics

Part # DP7172
Description  256-Position SPI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7172 Datasheet(HTML) 6 Page - Copal Electronics

Back Button DP7172 Datasheet HTML 2Page - Copal Electronics DP7172 Datasheet HTML 3Page - Copal Electronics DP7172 Datasheet HTML 4Page - Copal Electronics DP7172 Datasheet HTML 5Page - Copal Electronics DP7172 Datasheet HTML 6Page - Copal Electronics DP7172 Datasheet HTML 7Page - Copal Electronics DP7172 Datasheet HTML 8Page - Copal Electronics DP7172 Datasheet HTML 9Page - Copal Electronics DP7172 Datasheet HTML 10Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DP7172
6
TYPICAL CHARACTERISTICS
VCC = 2.6 V
3.3 V
5.6 V
4.0 V
Figure 4. Differential Non Linearity,
VCC = 5.6 V
Figure 5. Integral Non Linearity,
VCC = 5.6 V
P
A
T
P
A
T
256
224
160
128
96
64
32
0
0.05
0.04
0.03
0.02
0.01
0.01
0.02
0.03
224
192
160
128
96
64
32
0
0.5
0.4
0.3
0.2
0.1
0
0.1
Figure 6. Wiper Resistance at Room
Temperature
Figure 7. Wiper Voltage
P
A
T
P
A
T
250
200
150
100
50
0
0
20
40
60
80
100
120
260
208
156
104
52
0
0
1
2
3
4
5
6
Figure 8. Change in End to End Resistance
Figure 9. End to End Resistance vs.
Temperature
TEMPERATURE (
(
E
R
U
T
A
R
E
P
M
E
T
)
C
C)
100
70
40
10
20
50
0.2
0
0.2
0.4
100
70
40
10
20
50
101.75
101.80
101.85
101.90
101.95
102.00
102.05
102.15
0
192
DNL
INL
256
VCC = 2.6 V
3.3 V
5.6 V
4.0 V
5.0 V
102.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com