Electronic Components Datasheet Search
  English  ▼

X  

DP7172 Datasheet(PDF) 10 Page - Copal Electronics

Part # DP7172
Description  256-Position SPI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7172 Datasheet(HTML) 10 Page - Copal Electronics

Back Button DP7172 Datasheet HTML 3Page - Copal Electronics DP7172 Datasheet HTML 4Page - Copal Electronics DP7172 Datasheet HTML 5Page - Copal Electronics DP7172 Datasheet HTML 6Page - Copal Electronics DP7172 Datasheet HTML 7Page - Copal Electronics DP7172 Datasheet HTML 8Page - Copal Electronics DP7172 Datasheet HTML 9Page - Copal Electronics DP7172 Datasheet HTML 10Page - Copal Electronics DP7172 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DP7172
10
PACKAGE DIMENSIONS
SOT 23, 8 Lead
Notes:
(1) All dimensions in millimeters. Angles in degrees.
(2) Complies with JEDEC standard MO-178.
SYMBOL
E
E1
A2
A3
A1
eb
D
c
A
TOP VIEW
W
E
I
V
D
N
E
W
E
I
V
E
D
I
S
2
L
1
LL
PIN #1 IDENTIFICATION
MIN
NOM
MAX
A
A1
A2
b
c
D
E
E1
L
L2
0.00
0.90
0.28
0.08
2.90 BSC
1.60 BSC
0.45
1.45
0.15
1.30
0.38
0.22
0.25 REF
1.10
2.80 BSC
L1
0.60 REF
e
0.30
0.60
0.65 BSC
0.90
0°
8°
A3
0.60
0.80
DP7172/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com