Electronic Components Datasheet Search
  English  ▼

X  

LT8303 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8303
Description  100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8303 Datasheet(HTML) 1 Page - Linear Technology

  LT8303 Datasheet HTML 1Page - Linear Technology LT8303 Datasheet HTML 2Page - Linear Technology LT8303 Datasheet HTML 3Page - Linear Technology LT8303 Datasheet HTML 4Page - Linear Technology LT8303 Datasheet HTML 5Page - Linear Technology LT8303 Datasheet HTML 6Page - Linear Technology LT8303 Datasheet HTML 7Page - Linear Technology LT8303 Datasheet HTML 8Page - Linear Technology LT8303 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT8303
1
8303f
For more information www.linear.com/LT8303
Typical applicaTion
FeaTures
DescripTion
100VIN Micropower Isolated
Flyback Converter with
150V/450mA Switch
The LT®8303 is a micropower high voltage isolated flyback
converter. By sampling the isolated output voltage directly
from the primary-side flyback waveform, the part requires
nothirdwindingoropto-isolatorforregulation.Theoutput
voltage is programmed with a single external resistor.
Internalcompensationandsoft-startfurtherreduceexternal
component count. Boundary mode operation provides a
small magnetic solution with excellent load regulation.
LowrippleBurstModeoperationmaintainshighefficiency
at light load while minimizing the output voltage ripple.
A 450mA, 150V DMOS power switch is integrated along
withallhighvoltagecircuitryandcontrollogicintoa5-lead
ThinSOT™ package.
The LT8303 operates from an input voltages range of
5.5V to 100V and can deliver up to 5W of isolated output
power.Thehighlevelofintegrationandtheuseofboundary
and low ripple burst modes result in a simple to use, low
component count, and high efficiency application solution
for isolated power delivery.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 5438499, 7463497,
and 7471522.
6V to 80VIN, 5VOUT Isolated Flyback Converter
applicaTions
n
5.5V to 100V Input Voltage Range
n
450mA, 150V Internal DMOS Power Switch
n
Up to 5W of Output Power
n
Low Quiescent Current:
70µA in Sleep Mode
280µA in Active Mode
n
Boundary Mode Operation at Heavy Load
n
Low-Ripple Burst Mode® Operation at Light Load
n
Minimum Load <0.5% (Typ) of Full Output
n
VOUT Set with a Single External Resistor
n
No Transformer Third Winding or Opto-Isolator
Required for Regulation
n
Accurate EN/UVLO Threshold and Hysteresis
n
Internal Compensation and Soft-Start
n
5-Lead TSOT-23 Package
n
Isolated Telecom, Datacom, Automotive, Industrial,
and Medical Power Supplies
n
Isolated Auxiliary/Housekeeping Power Supplies
Efficiency vs Load Current
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 72V
LOAD CURRENT (mA)
0 100 200 300 400 500 600 700 800 900
40
50
60
70
80
90
100
8303 TA01b
LT8303
T1
6:1
RFB
SW
150µH
4.2µH
EN/UVLO
4.7µF
VIN
VIN
6V TO 80V
VOUT+
5V
VOUT–
GND
316k
2.5mA TO 0.33A (VIN = 12V)
2.5mA TO 0.52A (VIN = 24V)
2.5mA TO 0.73A (VIN = 48V)
2.5mA TO 0.84A (VIN = 72V)
•
•
100µF
8303 TA01a


Similar Part No. - LT8303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8303 AD-LT8303 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
LT8303 AD-LT8303 Datasheet
1Mb / 38P
Boost, Flyback, SEPIC and Inverting Controller
Rev. G
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
More results

Similar Description - LT8303

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8300 LINER-LT8300 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8300 LINER-LT8300_15 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8301 LINER-LT8301_15 Datasheet
269Kb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8302 LINER-LT8302_15 Datasheet
420Kb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
LT8301 LINER-LT8301 Datasheet
440Kb / 6P
42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
LT8304 LINER-LT8304 Datasheet
343Kb / 6P
Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
logo
Analog Devices
LT8300 AD-LT8300 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
06/19-REV.A
LT8301 AD-LT8301 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
LT8302 AD-LT8302 Datasheet
1Mb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
04/20-REV.G
ADPL54203 AD-ADPL54203 Datasheet
925Kb / 34P
40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com