Electronic Components Datasheet Search
  English  ▼

X  

LT8303 Datasheet(PDF) 4 Page - Linear Technology

Part # LT8303
Description  100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8303 Datasheet(HTML) 4 Page - Linear Technology

  LT8303 Datasheet HTML 1Page - Linear Technology LT8303 Datasheet HTML 2Page - Linear Technology LT8303 Datasheet HTML 3Page - Linear Technology LT8303 Datasheet HTML 4Page - Linear Technology LT8303 Datasheet HTML 5Page - Linear Technology LT8303 Datasheet HTML 6Page - Linear Technology LT8303 Datasheet HTML 7Page - Linear Technology LT8303 Datasheet HTML 8Page - Linear Technology LT8303 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT8303
4
8303f
For more information www.linear.com/LT8303
Typical perForMance characTerisTics
Boundary Mode Waveforms
Discontinuous Mode Waveforms
Burst Mode Waveforms
VIN Shutdown Current
VIN Quiescent Current,
Sleep Mode
VIN Quiescent Current,
Active Mode
Output Load and Line Regulation
Output Temperature Variation
Switching Frequency
vs Load Current
TA = 25°C, unless otherwise noted.
FRONT PAGE APPLICATION
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 72V
LOAD CURRENT (mA)
0 100 200 300 400 500 600 700 800 900
4.7
4.8
4.9
5.0
5.1
5.2
5.3
8303 G01
FRONT PAGE APPLICATION
VIN = 48V
IOUT = 3mA
IOUT = 200mA
IOUT = 700mA
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
4.7
4.8
4.9
5.0
5.1
5.2
5.3
8303 G02
FRONT PAGE APPLICATION
VIN = 12V
VIN = 24V
VIN = 48V
VIN = 72V
LOAD CURRENT (mA)
0 100 200 300 400 500 600 700 800 900
0
50
100
150
200
250
300
350
400
8303 G03
FRONT PAGE APPLICATION
VIN = 48V, IOUT = 700mA
2µs/DIV
VSW
50V/DIV
VOUT
50mV/DIV
8303 G04
FRONT PAGE APPLICATION
VIN = 48V, IOUT = 200mA
2µs/DIV
VSW
50V/DIV
VOUT
50mV/DIV
8303 G05
FRONT PAGE APPLICATION
VIN = 48V, IOUT = 3mA
20µs/DIV
VSW
50V/DIV
VOUT
50mV/DIV
8303 G06
TJ = –50°C
TJ = 25°C
TJ = 150°C
VIN (V)
0
20
40
60
80
100
0
2
4
6
8
10
8303 G07
TJ = 150°C
TJ = 25°C
TJ = –50°C
VIN (V)
0
20
40
60
80
100
40
50
60
70
80
90
100
8303 G08
TJ = 150°C
TJ = 25°C
TJ = –50°C
VIN (V)
0
20
40
60
80
100
240
260
280
300
320
340
8303 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com