Electronic Components Datasheet Search
  English  ▼

X  

LT8303 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8303
Description  100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8303 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8303 Datasheet HTML 15Page - Linear Technology LT8303 Datasheet HTML 16Page - Linear Technology LT8303 Datasheet HTML 17Page - Linear Technology LT8303 Datasheet HTML 18Page - Linear Technology LT8303 Datasheet HTML 19Page - Linear Technology LT8303 Datasheet HTML 20Page - Linear Technology LT8303 Datasheet HTML 21Page - Linear Technology LT8303 Datasheet HTML 22Page - Linear Technology LT8303 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8303
19
8303f
For more information www.linear.com/LT8303
Typical applicaTions
30V to 80VIN, 3.3VOUT Isolated Flyback Converter
Efficiency vs Load Current
Output Load and Line Regulation
VIN = 36V
VIN = 48V
VIN = 72V
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
40
50
60
70
80
90
100
8303 TA02b
VIN = 36V
VIN = 48V
VIN = 72V
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
8303 TA02c
LT8303
T1
8:1
D2
D1
Z1
RFB
SW
150µH
2.3µH
EN/UVLO
1M
4.7µF
100V
49.9k
VIN
VIN
30V TO 80V
VOUT+
3.3V
4mA TO 0.9A (VIN = 36V)
4mA TO 1A (VIN = 48V)
4mA TO 1.1A (VIN = 72V)
VOUT–
GND
287k
D1: CENTRAL CMMR1U-02
D2: DIODES SBR3U30P1-7
T1: SUMIDA PS15-108
Z1: CENTRAL CMHZ5265B
•
•
330µF
6.3V
8303 TA02a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com