Electronic Components Datasheet Search
  English  ▼

X  

LM1205 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1205
Description  130 MHz/85 MHz RGB Video Amplifier System with Blanking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1205 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM1205 Datasheet HTML 12Page - National Semiconductor (TI) LM1205 Datasheet HTML 13Page - National Semiconductor (TI) LM1205 Datasheet HTML 14Page - National Semiconductor (TI) LM1205 Datasheet HTML 15Page - National Semiconductor (TI) LM1205 Datasheet HTML 16Page - National Semiconductor (TI) LM1205 Datasheet HTML 17Page - National Semiconductor (TI) LM1205 Datasheet HTML 18Page - National Semiconductor (TI) LM1205 Datasheet HTML 19Page - National Semiconductor (TI) LM1205 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Circuit Description (Continued)
TLH11881 – 19
FIGURE 11 Simplified Schematic of LM1205LM1207 Clamp Comparator Circuit
CLAMP GATE CIRCUIT
Figure 12 is a simplified schematic of the Clamp Gate cir-
cuit A voltage reference is setup by Z3 and by Q104 and
Q105 connected as diodes generating a 7V base drive to
Q94 Q99 and Q101 Q94 is used to bias the input stage
This stage is designed to accept TTL levels at pin 14 Q95
and Q97 form a differential pair The base of Q97 is set to
21V by Q99 driving the voltage divider formed by R77 and
R78 In a balanced condition the base of Q95 is also at
21V Q96 is connected as a diode and the current flow thru
it is mirrored into Q98 Also the input to pin 14 would be one
diode drop below 21V or around 14V R74 is added to the
input for current limiting during any possible voltage surge at
pin 14 With no resistors at the emitters of Q96 and Q98 this
circuit will quickly switch Below 14V (12V typical) Q95 is
turned on and Q97 is turned off Above 14V (16V typical)
Q97 is turned on and Q95 is turned off With Q97 turned on
Q100 is also turned on This pulls the current thru R79 to
ground turning off Q102 and Q103 Remember Q102 is a
current mirror to Q86 in the clamp comparator With Q102
turned off the clamp comparator is also turned off When
the input signal goes below 12V Q97 and Q100 will be
turned off This allows Q102 to turn on turning on the clamp
http
www nationalcom
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com