Electronic Components Datasheet Search
  English  ▼

X  

LM1205 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1205
Description  130 MHz/85 MHz RGB Video Amplifier System with Blanking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1205 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM1205 Datasheet HTML 15Page - National Semiconductor (TI) LM1205 Datasheet HTML 16Page - National Semiconductor (TI) LM1205 Datasheet HTML 17Page - National Semiconductor (TI) LM1205 Datasheet HTML 18Page - National Semiconductor (TI) LM1205 Datasheet HTML 19Page - National Semiconductor (TI) LM1205 Datasheet HTML 20Page - National Semiconductor (TI) LM1205 Datasheet HTML 21Page - National Semiconductor (TI) LM1205 Datasheet HTML 22Page - National Semiconductor (TI) LM1205 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Circuit Description (Continued)
age of Q29 There are also four diode drops from the base
of Q30 to the output pin 20 Therefore during blanking pin
20 will be less than 100 mV above ground enabling the
designer to blank at the cathode of the CRT R23 is added
to quickly turn off Q25 by discharging its base when the
blanking signal is removed
Figure 14 also shows the power and ground pins to the
LM1205LM1207 All the VCC1 pins (pins 3 11 25) are all
internally connected together A 01 mF bypass capacitor
must be located close to each pin and connected to ground
Further bypassing is done by a 100 mF capacitor This ca-
pacitor needs to be located on the board close to the
LM1205LM1207 Pins 22 and 23 are the VCC2 pins A
10 mF and a 01 mF bypass capacitors must be located
close to pins 22 and 23 Correct bypassing of pins 22 and
23 is very important If the bypassing is not adequate then
the outputs of the LM1205LM1207 will have ringing or
even worse they may oscillate The ground side of the by-
pass capacitors at pins 22 and 23 must be returned to a
ground plane with no interruptions from other traces be-
tween these capacitors and the ground pins 21 and 24 of
the LM1205LM1207
Applications of the LM1205
LM1207
Figure 15 is the schematic of the demonstration board de-
signed at National
Figure 16 is the actual layout of the dem-
onstration board
Note that the schematic shown in
Figure 15 is almost identical to the schematic shown in Fig-
ure 4 The only difference between the two schematics is
that in
Figure 15 each channel has individual adjustments
for both drive and cutoff making this circuit a good design
for monitor applications Each CRT will have a slightly differ-
ent cutoff voltage for each color making it necessary to
provide separate adjustments in order to accurately set the
cutoff for each color The gain of each color of the CRT is
also slightly different if the color temperature of the display
is to be accurately set then each channel of the LM1205
LM1207 must have individual gain adjustments Thus each
channel has its own drive control Once the drive control is
set the gain between the three color channels will closely
track as the contrast is adjusted All the jumpers needed to
design a single sided PC board are shown in the schematic
The resistors and jumpers with no reference designation are
the connections between the PC board and the connectors
mounted on the PC board CN1 thru CN8 are BNC connec-
tors
A30X resistor is in series with each of the video inputs A
voltage surge may occur at these inputs when either the
inputs are first connected to another system or when the
system is powered up before the monitor is turned on If this
voltage surge exceeds the supply voltage (at ground poten-
tial if the monitor is not powered up) of the LM1205
LM1207 or goes below ground current will flow through the
parasitic devices of the LM1205LM1207 This current is
limited by the 30X resistors preventing a potential cata-
strophic failure A 100X resistor is added to the Blank Gate
TLH11881 – 22
FIGURE 14 Simplified Schematic of LM1205LM1207 Video Amplifier Output Stage with Blank Circuit
http
www nationalcom
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com