Electronic Components Datasheet Search
  English  ▼

X  

LM1205 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1205
Description  130 MHz/85 MHz RGB Video Amplifier System with Blanking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1205 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM1205 Datasheet HTML 13Page - National Semiconductor (TI) LM1205 Datasheet HTML 14Page - National Semiconductor (TI) LM1205 Datasheet HTML 15Page - National Semiconductor (TI) LM1205 Datasheet HTML 16Page - National Semiconductor (TI) LM1205 Datasheet HTML 17Page - National Semiconductor (TI) LM1205 Datasheet HTML 18Page - National Semiconductor (TI) LM1205 Datasheet HTML 19Page - National Semiconductor (TI) LM1205 Datasheet HTML 20Page - National Semiconductor (TI) LM1205 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Circuit Description (Continued)
comparators of the three video channels Q103 is added to
help drive the base of Q86 in the clamp comparator in-
creasing the accuracy of the current mirror Q101 drives
R79 and R80 This sets the current thru Q102 thus setting
the current thru Q86 of the clamp comparator
BLANK GATE CIRCUIT
Figure 13 is a simplified schematic of the Blank Gate circuit
With the exception of the simple output stage and the spot
killer circuit this circuit is almost identical to the clamp gate
circuit The only difference is that the output stage is driven
from the opposite side of the differential pair Thus Q111 is
connected as a diode instead of Q109 With the input at pin
13 at a low level Q108 is turned on also turning on Q29 the
output transistor Q29 is part of the blanking circuit in the
output stage shown in
Figure 14 When Q29 is turned on the
output is clamped to a blanking level that is ‘‘blacker than
black’’ allowing blanking to be done on the cathodes of the
CRT
The spot killer circuit is used to force the outputs of the
LM1205LM1207 into blanking when the VCC drops below
106V Forcing the outputs to a blacker-than-black level will
drive the cathode driver stage well above the black level
cutting off the beam current in the CRT This prevents the
bright spot from occurring when the monitor is turned off
preserving the phosphor of the CRT The CRT will also have
its beam current cut off during the time the monitor is first
turned on This is not a critical period for the CRT since the
filaments have not warmed up to generate a current flow
The comparator along with R89 R90 and Q115 all form the
spot killer circuit Q115 acts the same as Q106 When Q115
has a high signal at its base it is turned off and the outputs
of the LM1205LM1207 are in the normal operating mode
A low signal at the base of Q115 turns on this transistor
blanking the outputs of the LM1205LM1207 Q115 is driv-
en by the output of the comparator The inverting input of
the comparator is connected to an internal 12V reference
The non-inverting side is connected to a resistor divider net-
work R89 and R90 When VCC is above 106V the non-in-
verting input is above the 12V reference therefore the out-
put of the comparator is high This high output turns off
Q115 Once the VCC drops below 106V the comparator’s
output goes low turning on Q115 which forces the outputs
into the blanking mode
TLH11881 – 20
FIGURE 12 Simplified Schematic of LM1205LM1207 Clamp Gate Circuit
http
www nationalcom
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com