Electronic Components Datasheet Search
  English  ▼

X  

INA120 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA120
Description  INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA120 Datasheet(HTML) 1 Page - Texas Instruments

  INA120 Datasheet HTML 1Page - Texas Instruments INA120 Datasheet HTML 2Page - Texas Instruments INA120 Datasheet HTML 3Page - Texas Instruments INA120 Datasheet HTML 4Page - Texas Instruments INA120 Datasheet HTML 5Page - Texas Instruments INA120 Datasheet HTML 6Page - Texas Instruments INA120 Datasheet HTML 7Page - Texas Instruments INA120 Datasheet HTML 8Page - Texas Instruments INA120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
INA120
FEATURES
q LOW OFFSET VOLTAGE: 25
µV max
q LOW OFFSET VOLTAGE DRIFT:
0.25
µV/°C max
q PIN-STRAPPED GAINS: 1, 10, 100, 1000
q LOW GAIN DRIFT: 30ppm/
°C max
at G = 100
q HIGH COMMON-MODE REJECTION:
106dB at 60Hz, G = 100
APPLICATIONS
q BRIDGE AMPLIFIER
q THERMOCOUPLE AMPLIFIER
q RTD SENSOR AMPLIFIER
q MEDICAL INSTRUMENTATION
q DATA ACQUISITION SYSTEM
q SWITCHED-GAIN AMPLIFIER
DESCRIPTION
The INA120 is a precision instrumentation amplifier
ideal for accurate signal acquisition. It combines pre-
cision, protected-input operational amplifiers, laser-
trimmed gain-setting resistors, and a high common-
mode rejection difference amplifier on a single chip.
Simple pin-strapped connections set precise gains of 1,
10, 100 or 1000. External resistors can be used to set
any gain from one to 5000. Gains can be digitally
selected with an external multiplexer. Gain-sense con-
nections on the INA120 maintain accuracy when using
multiplexer or gain-switching circuitry. Low power
dissipation and careful on-chip thermal management
reduce warm-up drift and assure excellent long-term
stability.
The INA120 is available in both plastic and ceramic
18-pin DIP packages, specified for the industrial tem-
perature range.
Precision
INSTRUMENTATION AMPLIFIER
+
–
A
1
–
+
A
2
+
–
A
3
2k
Ω
2k
Ω
400
Ω
44
Ω
43
67
12
217
1
18
16
13
15
14
5
8
9
10
11
Gain Sense 1
–In
Offset Adjust
A Out
1
V+
V–
V
O
Com
A Out
2
+In
Gain
Sense 2
Gain Set 2
Gain Set 1
RC
X1000
X100
X10
1k
Ω
1k
Ω
20k
Ω
20k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
1k
Ω
1k
Ω
®
©1989 Burr-Brown Corporation
PDS-1071
Printed in U.S.A. March, 1992


Similar Part No. - INA120

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121 TI2-INA121 Datasheet
552Kb / 22P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
23-May-2025
logo
Burr-Brown (TI)
INA121P BURR-BROWN-INA121P Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121P TI1-INA121P Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA120

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1201 CADEKA-CLC1201 Datasheet
1Mb / 15P
Instrumentation Amplifier
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
INSTRUMENTATION AMPLIFIER
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com