Electronic Components Datasheet Search
  English  ▼

X  

INA120 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA120
Description  INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA120 Datasheet(HTML) 4 Page - Texas Instruments

  INA120 Datasheet HTML 1Page - Texas Instruments INA120 Datasheet HTML 2Page - Texas Instruments INA120 Datasheet HTML 3Page - Texas Instruments INA120 Datasheet HTML 4Page - Texas Instruments INA120 Datasheet HTML 5Page - Texas Instruments INA120 Datasheet HTML 6Page - Texas Instruments INA120 Datasheet HTML 7Page - Texas Instruments INA120 Datasheet HTML 8Page - Texas Instruments INA120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
®
INA120
4
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VS = ±15V unless otherwise noted.
GAIN vs FREQUENCY
10k
1k
100
10
100k
1M
10M
1
10
100
1k
10k
G = 1000
G = 100
G = 10
G = 1
Frequency (Hz)
COMMON-MODE REJECTION
vs SOURCE RESISTANCE IMBALANCE
160
120
80
40
0
100
1k
10k
100k
Source Resistance Imbalance ( )
Ω
G = 1000, G = 100
G = 1
G = 10
f = 60Hz
POWER SUPPLY REJECTION
vs FREQUENCY
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
Frequency (Hz)
G = 100
G = 1000
G = 1
G = 10
±V
S
INPUT BIAS AND OFFSET CURRENT
vs TEMPERATURE
20
15
10
5
0
–50
–25
0
+25
+50
+75
+100
+125
Ambient Temperature (°C)
–75
I
B
I
OS
COMMON-MODE REJECTION
vs FREQUENCY
160
120
80
40
0
–40
1
10
100
1k
10k
100k
1M
Frequency (Hz)
G = 100
G = 1000
G = 1
G = 10
R = 0
S
SETTLING TIME vs GAIN (0.1%)
400
300
200
100
0
1
10
100
1000
Gain (V/V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com