Electronic Components Datasheet Search
  English  ▼

X  

INA120 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA120
Description  INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA120 Datasheet(HTML) 3 Page - Texas Instruments

  INA120 Datasheet HTML 1Page - Texas Instruments INA120 Datasheet HTML 2Page - Texas Instruments INA120 Datasheet HTML 3Page - Texas Instruments INA120 Datasheet HTML 4Page - Texas Instruments INA120 Datasheet HTML 5Page - Texas Instruments INA120 Datasheet HTML 6Page - Texas Instruments INA120 Datasheet HTML 7Page - Texas Instruments INA120 Datasheet HTML 8Page - Texas Instruments INA120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
®
INA120
3
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ...................................................................................
±18V
Input Voltage Range .................................................. (V+) +2 to (V–) –2V
Differential Input Voltage ....................................................... Total V
S +4V
Operating Temperature
Ceramic G Package .................................................... –65
°C to +150°C
Plastic P Package ........................................................ –40
°C to +125°C
Storage Temperature
Ceramic G Package .................................................... –65
°C to +150°C
Plastic P Package ........................................................ –40
°C to +125°C
Junction Temperature
Ceramic G Package ................................................................... +175
°C
Plastic P Package ....................................................................... +125
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PACKAGE INFORMATION(1)
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER
INA120AP
18-Pin Plastic DIP
218
INA120BP
18-Pin Plastic DIP
218
INA120BG
18-Pin Ceramic DIP
158
INA120CG
18-Pin Ceramic DIP
158
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
V
O
V+
–V
IN
+V
IN
V–
Gain Sense 1
Gain Set 1
Offset Adjust
Offset Adjust
RC
X1000
Gain Sense 2
Gain Set 2
A Out
A Out
X10
X100
Com
2
1
Top View
DIP
ORDERING INFORMATION
MODEL
PACKAGE
TEMPERATURE RANGE
INA120AP
18-Pin Plastic DIP
–25
°C to +85°C
INA120BP
18-Pin Plastic DIP
–25
°C to +85°C
INA120BG
18-Pin Ceramic DIP
–25
°C to +85°C
INA120CG
18-Pin Ceramic DIP
–25
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com