Electronic Components Datasheet Search
  English  ▼

X  

PTH05010 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # PTH05010
Description  Embedded Power for Business-Critical Continuity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH05010 Datasheet(HTML) 4 Page - Artesyn Technologies

  PTH05010_09 Datasheet HTML 1Page - Artesyn Technologies PTH05010_09 Datasheet HTML 2Page - Artesyn Technologies PTH05010_09 Datasheet HTML 3Page - Artesyn Technologies PTH05010_09 Datasheet HTML 4Page - Artesyn Technologies PTH05010_09 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev.3.23.09_55
PTH05010Series
4of5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
CharacteristicData
Figure 2 - Safe Operating Area
Vin = 5 V, Output Voltage = 1.0 V (See Note A)
Figure 1 - Safe Operating Area
Vin = 5 V, Output Voltage = 3.3 V (See Note A)
Figure 4 - Standard Application
Figure 3 - Efficiency vs Load Current
Vin = 5 V (See Note B)
Notes
A SOAcurvesrepresenttheconditionsatwhichinternalcomponentsarewithin
theEmersonNetworkPowerderatingguidelines.
B Characteristicdatahasbeendevelopedfromactualproductstestedat25°C.
Thisdataisconsideredtypicaldatafortheconverter.
0
2
4
6
8
10
12
20
30
40
50
60
80
Nat conv
100 LFM
200 LFM
400 LFM
14
90
70
OUTPUT CURRENT (A)
0
2
4
6
8
10
12
20
30
40
50
60
80
Nat conv
100 LFM
200 LFM
400 LFM
14
90
70
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
3.3V
2.5V
2.0V
1.8V
1.5V
1.2V
1.0V
0.8V
50
60
70
80
90
100
0
2
4
6
8
10
12
14
Vout
Track
8
9
10
PTH05010
(Top View)
Margin Up
Margin Down
5
4
3
6
7
2
1
GND
GND
L
O
A
D
Cin470F
(Required)
+
Vin
Inhibit
Cout330F
(Optional)
+
RSET 1%, 0.1W
(Required)
Vout
Vo Sense
Vo Adjust



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com