Electronic Components Datasheet Search
  English  ▼

X  

PTH05010 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # PTH05010
Description  Embedded Power for Business-Critical Continuity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH05010 Datasheet(HTML) 3 Page - Artesyn Technologies

  PTH05010_09 Datasheet HTML 1Page - Artesyn Technologies PTH05010_09 Datasheet HTML 2Page - Artesyn Technologies PTH05010_09 Datasheet HTML 3Page - Artesyn Technologies PTH05010_09 Datasheet HTML 4Page - Artesyn Technologies PTH05010_09 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev.3.23.09_55
PTH05010Series
3of5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
P T H 0 5 0 1 0 W A S T
Part Number System with Options
Product Family
PointofLoadAlliance
Compatible
Theultra-wideoutputvoltagetrimrangeoffersmajoradvantagestouserswho
selectthePTH05010.Itisnolongernecessarytopurchaseavarietyofmodulesin
ordertocoverdifferentoutputvoltages.Theoutputvoltagecanbetrimmedina
rangeof0.8Vdcto3.6Vdc.WhenthePTH05010converterleavesthefactorythe
outputhasbeenadjustedtothedefaultvoltageof0.8V.
Output Voltage Adjustment of the PTH05010 Series
Output Current
01=15A
Packaging Options
NoSuffix=Trays
T=TapeandReel(8)
Input Voltage
05=5V
Mechanical Package
Always0
Output Voltage Code
W=Wide
Pin Option
A=Through-HoleStd.PinLength(0.140”)
A=Surface-MountTin/LeadSolderBall
Mounting Option (9)
D=HorizontalThrough-Hole(RoHS6/6)
H= HorizontalThrough-Hole(RoHS5/6)
S= Surface-MountSolderBall(RoHS5/6)
Z= Surface-MountSolderBall(RoHS6/6)
OrderingInformation
Output Power
(max)
Input
Voltage
Output
Voltage
Output Currents
Efficiency
(max)
Regulation
Model Numbers
odel Numbers (9, 10)
Min
Max
Line
Load
54W
4.5-5.5Vdc
0.8-3.6Vdc
0A
15A
95%
±10mV
±12mV
PTH05010
EfficiencyTable(IO=10A)
OutputVoltage
Efficiency
Vo=1.0V
86%
Vo=1.2V
88%
Vo=1.5V
90%
Vo=1.8V
91%
Vo=2.0V
92%
Vo=2.5V
93%
Vo=3.3V
95%
Notes
1 RemoteON/OFF.PositiveLogic
ON:
Pin3open;orV>Vin-0.5V
OFF:
Pin3GND;orV<0.8V(min-0.2V).
2 SeeFigures1and2forsafeoperatingcurves.
3 A470µFelectrolyticinputcapacitorisrequiredforproperoperation.The
capacitormustberatedforaminimumof700mArmsofripplecurrent.
4 Anexternaloutputcapacitorisnotrequiredforbasicoperation.Adding330
µFofdistributedcapacitanceattheloadwillimprovethetransientresponse.
5 1A/µsloadstep,50to100%Iomax,Cout=330µF.
6 IfutilizedVoutwilltrackappliedvoltageby±0.3V(uptoVosetpoint).
7 Thepre-biasstart-upfeatureisnotcompatiblewithAuto-Track™.Thisis
becausewhenthemoduleisunderAuto-Track™control,itisfullyactiveand
willsinkcurrentiftheouputvoltageisbelowthatofaback-feedingsource.
Thereforetoensureapre-biashold-off,oneofthefollowingtwotechniques
mustbefollowedwheninputpowerisfirstappliedtothemdoule.TheAuto-
Track™functionmusteitherbedisabled,orthemodule’soutputheldoff
usingtheinhibitpin.RefertoApplicationNote155formoredetails.
8 Tapeandreelpackagingonlyavailableonthesurface-mountversions.
9 ToorderPb-free(RoHScompatible)surface-mountpartsreplacethe
mountingoption‘S’with‘Z’,e.g.PTH05010WAZ.ToorderPb-free(RoHS
compatible)through-holepartsreplacethemountingoption‘H’with‘D’,e.g.
PTH05010WAD.
9 NOTICE:Somemodelsdonotsupportalloptions.Pleasecontactyourlocal
EmersonNetworkPowerrepresentativeorusetheon-linemodelnumbersearch
toolathttp://www.PowerConversion.comtofindasuitablealternative.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com