Electronic Components Datasheet Search
  English  ▼

X  

PTH05010 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PTH05010
Description  Embedded Power for Business-Critical Continuity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH05010 Datasheet(HTML) 1 Page - Artesyn Technologies

  PTH05010_09 Datasheet HTML 1Page - Artesyn Technologies PTH05010_09 Datasheet HTML 2Page - Artesyn Technologies PTH05010_09 Datasheet HTML 3Page - Artesyn Technologies PTH05010_09 Datasheet HTML 4Page - Artesyn Technologies PTH05010_09 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
PTH05010
5 Vin
Special Features
• 15Aoutputcurrent
• 5Vinputvoltage
• Wide-outputvoltageadjust
0.8Vdcto3.6Vdc
• Auto-track™sequencing*
• Marginup/downcontrols
• Pre-biasstart-upcapability
• Efficienciesupto95%
• OutputON/OFFinhibit
• Outputvoltagesense
• Point-of-Load-Alliance(POLA)
compatible
• AvailableRoHScompliant
• 2YearWarranty
Total Power:
54Watts
# of Outputs:
Single
Safety
UL/cULCAN/CSA-C22.2
No.60950-1-03/UL60950-1,
FileNo.E174104
TÜVProductService
(EN60950)CertificateNo.
B040638572044
CBReportandCertificate
toIEC60950,CertificateNo.
US/8292/UL
•
•
•
Rev.3.23.09_55
PTH05010Series
1of5
Input
Inputvoltagerange:
(SeeNote3,page3)
4.5-5.5Vdc
Inputcurrent:
Noload
10mAtyp.
RemoteON/OFF:
(SeeNote1,page3)
Positivelogic
Start-uptime:
1V/ms
Undervoltagelockout:
3.7-4.3Vtyp.
Trackinputvoltage:
Pin8(SeeNote6&7,page3) ±0.3Vin
Output
Voltageadjustability:
(SeeNote4,page3)
0.8-3.6Vdc
Setpointaccuracy:
±2.0%Vo
Lineregulation:
±10mVtyp.
Loadregulation:
±12mVtyp.
Totalregulation:
±3.0%Vo
Minimumload:
0A
Rippleandnoise:
20MHzbandwidth
30mVpk-pk
Temperatureco-efficient:
-40°Cto+85°C
±0.5%Vo
Transientresponse:
(SeeNote5,page3)
70µsrecoverytime
Overshoot/undershoot100mV
Marginadjustment:
±5.0%Vo
Specifications
Allspecificationsaretypicalatnominalinput,fullloadat25°Cunlessotherwisestated
Cin=470µF,Cout = 0 µF
*Auto-track™isatrademarkof
Texas Instruments


Similar Part No. - PTH05010_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05010W TI-PTH05010W Datasheet
308Kb / 16P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05010W TI-PTH05010W Datasheet
297Kb / 16P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05010W TI2-PTH05010W Datasheet
583Kb / 19P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED DECEMBER 2003
logo
Artesyn Technologies
PTH05010WAD ARTESYN-PTH05010WAD Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
PTH05010WAD ARTESYN-PTH05010WAD Datasheet
234Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
More results

Similar Description - PTH05010_09

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
Embedded Power for Business-Critical Continuity
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
Embedded Power for Business-Critical Continuity
NLP65-9612GJ EMERSON-NETWORKPOWER-NLP65-9612GJ Datasheet
339Kb / 4P
Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
Embedded Power for Business-Critical Continuity
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com