Electronic Components Datasheet Search
  English  ▼

X  

AR0130CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0130CS
Description  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 1 Page - ON Semiconductor

  AR0130CS Datasheet HTML 1Page - ON Semiconductor AR0130CS Datasheet HTML 2Page - ON Semiconductor AR0130CS Datasheet HTML 3Page - ON Semiconductor AR0130CS Datasheet HTML 4Page - ON Semiconductor AR0130CS Datasheet HTML 5Page - ON Semiconductor AR0130CS Datasheet HTML 6Page - ON Semiconductor AR0130CS Datasheet HTML 7Page - ON Semiconductor AR0130CS Datasheet HTML 8Page - ON Semiconductor AR0130CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Features
‡
AR0130CS/D Rev. 12,
1/16 EN
1
©Semiconductor Components Industries, LLC 2016.
1/3-Inch CMOS Digital Image Sensor
AR0130CS Datasheet, Rev. 12
For the latest datasheet, please visit www.onsemi.com
Features
• Superior low-light performance both in VGA mode
and HD mode
• Excellent Near IR performance
• HD video (720p60)
• On-chip AE and statistics engine
• Auto black level calibration
•Context switching
•Progressive Scan
• Supports 2:1 scaling
• Internal master clock generated by on-chip phase
locked loop (PLL) oscillator.
• Parallel output
Applications
• Gaming systems
• Video surveillance
• 720p60 video applications
General Description
ON Semiconductor's AR0130 is a 1/3-inch CMOS digi-
tal image sensor with an active-pixel array of 1280H x
960V. It captures images with a rolling-shutter readout.
It includes sophisticated camera functions such as
auto exposure control, windowing, and both video and
single frame modes. It is programmable through a sim-
ple two-wire serial interface. The AR0130 produces
extraordinarily clear, sharp digital pictures, and its
ability to capture both continuous video and single
frames makes it the perfect choice for a wide range of
applications, including gaming systems, surveillance,
and HD video.
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/3-inch (6 mm)
Active pixels
1280 x 960 = 1.2 Mp
Pixel size
3.75 m
Color filter array
Monochrome, RGB Bayer
Shutter type
Electronic rolling shutter
Input clock range
6 – 50 MHz
Output clock maximum
74.25 MHz
Output
Parallel
12-bit
Max.
Frame
rates
1.2 Mp (full FOV)
45 fps
720pHD (reduced FOV)
60 fps
VGA (full FOV)
45 fps
VGA (reduced FOV)
60 fps
800 x 800 (reduced
FOV)
60 fps
Responsivity at 550 nm (Mono)
6.5 V/lux-sec
Responsivity at 550 nm (RGB
green)
5.6 V/lux-sec
SNRMAX
44 dB
Dynamic range
82 dB
Supply
voltage
I/O
1.8 or 2.8 V
Digital
1.8 V
Analog
2.8 V
Power consumption
270 mW (1280x720 60
fps)
Operating temperature
–30°C to + 70°C (ambient)
–30°C to + 80°C (junction)
Package option
Bare die, iLCC, PLCC


Similar Part No. - AR0130CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0130CS ONSEMI-AR0130CS Datasheet
389Kb / 39P
1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0130CS ONSEMI-AR0130CS Datasheet
445Kb / 40P
1/3‐inch CMOS Digital Image Sensor
January, 2019 - Rev. 15
AR0130CSSC00SPBA0-DP ONSEMI-AR0130CSSC00SPBA0-DP Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0130CSSC00SPBA0-DP1 ONSEMI-AR0130CSSC00SPBA0-DP1 Datasheet
389Kb / 39P
1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0130CSSC00SPBA0-DP1 ONSEMI-AR0130CSSC00SPBA0-DP1 Datasheet
445Kb / 40P
1/3‐inch CMOS Digital Image Sensor
January, 2019 - Rev. 15
More results

Similar Description - AR0130CS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com