Electronic Components Datasheet Search
  English  ▼

X  

AR0130CS Datasheet(PDF) 4 Page - ON Semiconductor

Part # AR0130CS
Description  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 4 Page - ON Semiconductor

  AR0130CS Datasheet HTML 1Page - ON Semiconductor AR0130CS Datasheet HTML 2Page - ON Semiconductor AR0130CS Datasheet HTML 3Page - ON Semiconductor AR0130CS Datasheet HTML 4Page - ON Semiconductor AR0130CS Datasheet HTML 5Page - ON Semiconductor AR0130CS Datasheet HTML 6Page - ON Semiconductor AR0130CS Datasheet HTML 7Page - ON Semiconductor AR0130CS Datasheet HTML 8Page - ON Semiconductor AR0130CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
4
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
General Description
General Description
The ON Semiconductor AR0130 can be operated in its default mode or programmed for
frame size, exposure, gain, and other parameters. The default mode output is a 960p-
resolution image at 45 frames per second (fps). It outputs 12-bit raw data over the
parallel port. The device may be operated in video (master) mode or in single frame
trigger mode.
FRAME_VALID and LINE_VALID signals are output on dedicated pins, along with a
synchronized pixel clock in parallel mode.
The AR0130 includes additional features to allow application-specific tuning:
windowing and offset, adjustable auto-exposure control, and auto black level correction.
Optional register information and histogram statistic information can be embedded in
first and last 2 lines of the image frame.
Functional Overview
The AR0130 is a progressive-scan sensor that generates a stream of pixel data at a
constant frame rate. It uses an on-chip, phase-locked loop (PLL) that can be optionally
enabled to generate all internal clocks from a single master input clock running between
6 and 50 MHz The maximum output pixel rate is 74.25 Mp/s, corresponding to a clock
rate of 74.25 MHz. Figure 1 shows a block diagram of the sensor.
Figure 1:
Block Diagram
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 1.2 Mp Active- Pixel Sensor array. The timing and control circuitry sequences
through the rows of the array, resetting and then reading each row in turn. In the time
interval between resetting a row and reading that row, the pixels in the row integrate
incident light. The exposure is controlled by varying the time interval between reset and
readout. Once a row has been read, the data from the columns is sequenced through an
analog signal chain (providing offset correction and gain), and then through an analog-
to-digital converter (ADC). The output from the ADC is a 12-bit value for each pixel in
the array. The ADC output passes through a digital processing signal chain (which
Control Registers
Active Pixel Sensor
(APS)
Array
PLL
Memory
OTPM
Timing and Control
(Sequencer)
Analog Processing and
A/D Conversion
Auto Exposure
and Stats Engine
Pixel Data Path
(Signal Processing)
External
Clock
Parallel
Output
Two-Wire
Serial
Interface
Trigger
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com