Electronic Components Datasheet Search
  English  ▼

X  

AR0130CS Datasheet(PDF) 15 Page - ON Semiconductor

Part # AR0130CS
Description  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AR0130CS Datasheet HTML 11Page - ON Semiconductor AR0130CS Datasheet HTML 12Page - ON Semiconductor AR0130CS Datasheet HTML 13Page - ON Semiconductor AR0130CS Datasheet HTML 14Page - ON Semiconductor AR0130CS Datasheet HTML 15Page - ON Semiconductor AR0130CS Datasheet HTML 16Page - ON Semiconductor AR0130CS Datasheet HTML 17Page - ON Semiconductor AR0130CS Datasheet HTML 18Page - ON Semiconductor AR0130CS Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
15
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Real-Time Context Switching
Real-Time Context Switching
In the AR0130, the user may switch between two full register sets (listed in Table 6) by
writing to a context switch change bit in R0x30B0[13]. This context switch will change all
registers (no shadowing) at the frame start time and have the new values apply to the
immediate next exposure and readout time.
Features
See the AR0130 Register Reference for additional details.
Reset
The AR0130 may be reset by using RESET_BAR (active LOW) or the reset register.
Hard Reset of Logic
The RESET_BAR pin can be connected to an external RC circuit for simplicity. The
recommended RC circuit uses a 10k resistor and a 0.1F capacitor. The rise time for the
RC circuit is 1s maximum.
Soft Reset of Logic
Soft reset of logic is controlled by the R0x301A Reset register. Bit 0 is used to reset the
digital logic of the sensor while preserving the existing two-wire serial interface configu-
ration. Furthermore, by asserting the soft reset, the sensor aborts the current frame it is
processing and starts a new frame. This bit is a self-resetting bit and also returns to “0”
during two-wire serial interface reads.
Clocks
The AR0130 requires one clock input (EXTCLK).
Table 6:
Real-Time Context-Switchable Registers
Register Description
Register Number
Context A
Context B
Y_Addr_Start
R0x3002
R0x308C
X_Addr_Start
R0x3004
R0x308A
Y_Addr_End
R0x3006
R0x3090
X_Addr_End
R0x3008
R0x308E
Coarse_Integration_Time
R0x3012
R0x3016
Fine_Integration_Time
R0x3014
R0x3018
Y_Odd_Inc
R0x30A6
R0x30A8
Green1_Gain (GreenR)
R0x3056
R0x30BC
Blue_Gain
R0x3058
R0x30BE
Red_Gain
R0x305A
R0x30C0
Green2_Gain (GreenB)
R0x305C
R0x30C2
Global_Gain
R0x305E
R0x30C4
Analog Gain
R0x30B0[5:4]
R0x30B0[9:8]
Frame_Length_Lines
R0x300A
R0x30AA
Digital_Binning
R0x3032[1:0]
R0x3032[5:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com