Electronic Components Datasheet Search
  English  ▼

X  

AX2061 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AX2061
Description  LCD Driver for Low Multiplex Rates
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX2061 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AX2061 Datasheet HTML 9Page - ON Semiconductor AX2061 Datasheet HTML 10Page - ON Semiconductor AX2061 Datasheet HTML 11Page - ON Semiconductor AX2061 Datasheet HTML 12Page - ON Semiconductor AX2061 Datasheet HTML 13Page - ON Semiconductor AX2061 Datasheet HTML 14Page - ON Semiconductor AX2061 Datasheet HTML 15Page - ON Semiconductor AX2061 Datasheet HTML 16Page - ON Semiconductor AX2061 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AX2061
www.onsemi.com
13
PINCFG Register
Table 20. PINCFG REGISTER
Name
Bits
R/W
Reset
Description
ICLKDRV
2:0
RW
111
ICLK drive mode
ICLKR
3
R
−
ICLK pad observation
SYSCLKDRV
6:4
RW
111
SYSCLK drive mode
SYSCLKR
7
R
−
SYSCLK pad observation
LATCHDRV
10:8
RW
111
LATCH drive mode
LATCHR
11
R
−
LATCH pad observation
Table 21. ICLK DRIVE MODE
Bits
Meaning
000
Drive 0
001
Drive 1
010
Internal 32 kHz oscillator clock
011
Divider output clock
100
Frame sync output
101
Latch output
111
High Impedance / Input
Table 22. SYSCLK DRIVE MODE
Bits
Meaning
000
Drive 0
001
Drive 1
010
Internal 32 kHz oscillator clock
011
Divider output clock
100
Frame sync output
101
Latch output
111
High Impedance / Input
Table 23. LATCH DRIVE MODE
Bits
Meaning
000
Drive 0
001
Drive 1
010
Internal 32 kHz oscillator clock
011
Divider output clock
100
Frame sync output
101
Latch output
111
High Impedance / Input
INT Register
Table 24. INT REGISTER
Name
Bits
R/W
Reset
Description
CONTRAST_OFF[1:0]
9:8
RW
01
Contrast offset adjustment, for Contrast bits see CONTRAST Register
BUF_CUR
3:0
RW
0001
Internal setting of the LCD Drive Voltage Buffers. MUST BE SET TO 1111.
Table 25. CONTRAST OFFSET CODING
Bits
Meaning
00
2 LSB, 40 mV offset
01
Default
10
1 LSB, 20 mV offset
11
−1 LSB, −20 mV offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com