Electronic Components Datasheet Search
  English  ▼

X  

AX2061 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AX2061
Description  LCD Driver for Low Multiplex Rates
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX2061 Datasheet(HTML) 2 Page - ON Semiconductor

  AX2061 Datasheet HTML 1Page - ON Semiconductor AX2061 Datasheet HTML 2Page - ON Semiconductor AX2061 Datasheet HTML 3Page - ON Semiconductor AX2061 Datasheet HTML 4Page - ON Semiconductor AX2061 Datasheet HTML 5Page - ON Semiconductor AX2061 Datasheet HTML 6Page - ON Semiconductor AX2061 Datasheet HTML 7Page - ON Semiconductor AX2061 Datasheet HTML 8Page - ON Semiconductor AX2061 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AX2061
www.onsemi.com
2
Table 1. PIN FUNCTION DESCRIPTIONS
Symbol
Number of Pins
Type
Description
COM0−4
5
A
Row driver outputs
SEG0−75
76
A
Segment driver outputs
SEL
1
I
SPI select
CLK
1
I
SPI clock
MISO
1
O
SPI data output
Can optionally be connected to read back register contents from the AX2061.
Reading registers is not required for the AX2061 functionality.
MOSI
1
I
SPI data input
LATCH
1
I/O
Latch pixel data into pixel latches
For alternative functionalities as well as required handling if not used see the
circuit description section
SYSCLK
1
I/O
32 kHz clock input (default)
For alternative functionalities as well as required handling if not used see the
circuit description section
ICLK
1
I/O
Internal 32 kHz clock output
For alternative functionalities as well as required handling if not used see the
circuit description section
RREF
1
A
Reference resistor for internal 32kHz oscillator
Connect 1 MW from RREF pin to VSS
Note that the reference resistor is required even if the internal 32 kHz oscillator is
not used to generate the framing clock
VD1
2
A
Decoupling output for internally generated LCD voltage VD1
Connect 100 nF capacitor from VD1 to VSS
VD2
2
A
Decoupling output for internally generated LCD voltage VD2
Connect 220 nF capacitor from VD2 to VSS
VD3
2
A
Decoupling output for internally generated LCD voltage VD3
Connect 100 nF capacitor from VD3 to VSS
VI
2
A
Decoupling output for internal charge pump
Connect 1 mF capacitor from VI to VSS, note that voltage levels on this pin can
reach up to 5.2 V
VDD
2
P
Supply voltage input
VDDCORE
2
A
Decoupling output for internally generated supply voltage for the core functionality
of the IC
Connect 1 mF capacitor from VDDCORE to VSS
CAPN
2
A
Charge pump floating capacitor negative terminal
Connect 100 nF capacitor between CAPN and CAPP
CAPP
2
A
Charge pump floating capacitor positive terminal
Connect 1 mF capacitor between CAPN and CAPP
VSS
10
P
Ground
TST
1
N
Pin used for production testing, leave unconnected
Total
116
A = analog input
I = digital input signal
O = digital output signal
I/O = digital input/output signal
N = not to be connected
P = power or ground
All digital inputs are Schmitt trigger inputs, digital input
and output levels are LVCMOS/LVTTL compatible and 5 V
tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com