Electronic Components Datasheet Search
  English  ▼

X  

IW3602 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # IW3602
Description  AC/DC Digital Power Controller for Dimmable LED Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3602 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button IW3602 Datasheet HTML 11Page - Dialog Semiconductor IW3602 Datasheet HTML 12Page - Dialog Semiconductor IW3602 Datasheet HTML 13Page - Dialog Semiconductor IW3602 Datasheet HTML 14Page - Dialog Semiconductor IW3602 Datasheet HTML 15Page - Dialog Semiconductor IW3602 Datasheet HTML 16Page - Dialog Semiconductor IW3602 Datasheet HTML 17Page - Dialog Semiconductor IW3602 Datasheet HTML 18Page - Dialog Semiconductor IW3602 Datasheet HTML 19Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
iW3602
AC/DC Digital Power Controller for
Dimmable LED Drivers
Rev. 1.0
iW3602
© 2015 Dialog Semiconductor (UK) Ltd.
Datasheet
18 of 19
Compliant to JEDEC Standard MS12F
Controlling dimensions are in inches; millimeter dimensions are for reference only
This product is RoHS compliant and Halide free.
Soldering Temperature Resistance:
[a] Package is IPC/JEDEC Std 020D Moisture Sensitivity Level 1
[b] Package exceeds JEDEC Std No. 22-A111 for Solder Immersion Resistance; package can withstand
10 s immersion < 260˚C
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall
not exceed 0.15 mm per end. Dimension E does not include interlead flash or protrusion. Interlead flash or
protrusion shall not exceed 0.25 mm per side.
The package top may be smaller than the package bottom. Dimensions D and E are determined at the
outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but
including any mismatch between the top and bottom of the plastic body.
8-Lead Small Outline (SOIC) Package
COPLANARITY
0.10 (0.004)
8
5
4
1
SEATING
PLANE
A1
E
H
B
D
e
A
C
L
α
TOP VIEW
SIDE VIEWS
Inches
Millimeters
MIN
0.0020
A1
MAX
MIN
MAX
0.0060
0.05
0.150
0.051
A
0.067
1.30
1.70
0.014
B
0.019
0.36
0.48
0.007
C
0.010
0.18
0.25
0.189
D
0.197
4.80
5.00
0.150
E
0.157
3.81
3.99
0.050 BSC
e
1.27 BSC
0.228
H
0.244
5.79
6.20
0.086
N
0.094
2.18
2.39
0.016
L
0.050
0.41
1.27
0°
α
8°
M
3.20
3.00
0.118
0.126
Part Number
Options
Package
Description
iW3602-01
Optimized for 230VAC Applications2
SOIC-8-EP3
Tape & Reel1
iW3602-03
Optimized for 100VAC Applications2
Supports high power factor (> 0.9 without dimmer)
SOIC-8-EP3
Tape & Reel1
iW3602-31
Optimized for 230VAC Applications2, Improved Bleeder,
Low Cost Package
SOIC-8
Tape & Reel1
Note 1: Tape & Reel packing quantity is 2,500/reel. Minimum ordering quantity is 2,500.
Note 2: Refer to Section 9.4 Chopping Operation for more information.
Note 3: For the exposed pad package, refer to Section 9.13 Thermal Design.
13.0 Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com