Electronic Components Datasheet Search
  English  ▼

X  

IW3602 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW3602
Description  AC/DC Digital Power Controller for Dimmable LED Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3602 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW3602 Datasheet HTML 1Page - Dialog Semiconductor IW3602 Datasheet HTML 2Page - Dialog Semiconductor IW3602 Datasheet HTML 3Page - Dialog Semiconductor IW3602 Datasheet HTML 4Page - Dialog Semiconductor IW3602 Datasheet HTML 5Page - Dialog Semiconductor IW3602 Datasheet HTML 6Page - Dialog Semiconductor IW3602 Datasheet HTML 7Page - Dialog Semiconductor IW3602 Datasheet HTML 8Page - Dialog Semiconductor IW3602 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
iW3602
AC/DC Digital Power Controller for
Dimmable LED Drivers
Rev. 1.0
iW3602
© 2015 Dialog Semiconductor (UK) Ltd.
Datasheet
3 of 19
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. For
maximum safe operating conditions, refer to Electrical Characteristics in Section 6.0.
5.0 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
DC supply voltage range (pin 8, ICC = 20mA max)
VCC
-0.3 to 18
V
DC supply current at VCC pin
ICC
20
mA
OUTPUT (pin 7)
-0.3 to 18
V
OUTPUT(TR) (pin 1)
-0.3 to 18
V
VSENSE input (pin 2, IVSENSE ≤ 10mA)
-0.7 to 4.0
V
VIN input (pin 3)
-0.3 to 18
V
ISENSE input (pin 6)
-0.3 to 4.0
V
VT input (pin 4)
-0.3 to 4.0
V
Power dissipation at TA ≤ 25°C
PD
526
mW
Maximum junction temperature
TJMAX
150
°C
Operating junction temperature
TJOPT
-40 to 150
°C
Storage temperature
TSTG
-65 to 150
°C
Thermal Resistance
Junction-to-PCB Board Surface
Temperature
ψJB (Note 1)
70
°C/W
Junction-to-Ambient [Still Air]
θJA
160
ESD rating per JEDEC JESD22-A114
±2,000
V
Latch-up test per JESD78A
±100
mA
Notes:
Note 1. ψJB [Psi Junction to Board] provides an estimation of the die junction temperature relative to the PCB [Board]
surface temperature. This data is measured at the ground pin (pin 5) without using any thermal adhesives.
For iW3602-01 and iW3602-03 (with exposed pad), ψJB = 70°C/W. See Section 9.13 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com