Electronic Components Datasheet Search
  English  ▼

X  

ACE93C46A Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE93C46A
Description  Three-wire Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46A Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE93C46A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ACE93C46A/56A/66A
Three-wire Serial EEPROM
VER 1.3
4
Pin Descriptions
(A)
SERIAL CLOCK (SCL)
The rising edge of this SCL input is to latch data into the EEPROM device while the rising edge of
this clock is to clock data out of the EEPROM device.
(B)
CHIP SELECT (CS)
This is the chip select input signal for the serial EEPROM device.
.
(C)
SERIAL DATA INPUT (DI)
This is data input signal for the serial device.
(D)
SERIAL DATA OUTPUT (DO)
This is data output signal for the serial device.
(E)
INTERNAL
ORGANIZATION (ORG)
This is internal organization input signal for the serial EEPROM device. When the ORG pin is
connected to VCC or unconnected the EEPROM is organized as 64/128/256 word of 16 bits each
and when ORG pin is connected to ground the EEPROM is organized as 128/256/512 byte of 8
bits each. Typically, these signals are hardwired to either VIH or VIL. If left unconnected, they
are internally recognized as VIH.
Memory Organization
The ACE93C46A/56A/66A memory is organized either as bytes (x8) or as words (x16). If Internal
Organization (ORG) is unconnected (or connected to VCC) the words (x16) organization is selected;
When Internal Organization is connected to ground the bytes (x8) organization is selected.
Instruction set
Instruction
Device
Type
SB
Op
code
Address
Data
Comments
*8
(1) (2)
*16
(1) (3)
*8
*16
READ
ACE93C46A
ACE93C56A
ACE93C66A
1
1
1
10
10
10
A6-A0
A8-A0
A8-A0
A5-A0
A7-A0
A7-A0
Reads date stored
in memory, at
specified address.
EW EN
ACE93C46A
ACE93C56A
ACE93C66A
1
1
1
00
00
00
11XXXXX
11XXXXXXX
11XXXXXXX
11XXXX
11XXXXXX
11XXXXXX
W rite enable
must precede all
programming
modes.
EW DS
ACE93C46A
ACE93C56A
ACE93C66A
1
1
1
11
11
11
00XXXXX
00XXXXXXX
00XXXXXXX
00XXXX
00XXXXXX
00XXXXXX
Disables all
programming
instructions.
ERASE
ACE93C46A
1
01
A6-A0
A5-A0
Erase memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com