Electronic Components Datasheet Search
  English  ▼

X  

ACE93C46A Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE93C46A
Description  Three-wire Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46A Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE93C46A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 9Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 10Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 11Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 12Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 13Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 14Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ACE93C46A/56A/66A
Three-wire Serial EEPROM
VER 1.3
11
DC characteristics
Applicable over recommended operating range from T
A
= -40°C to + 85°C, V
CC
= As Specified, CL = 1 TTL Gate
and 100 pF (unless otherwise noted).
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VCC1
Supply voltage
1.8
5.5
V
VCC2
Supply voltage
2.5
5.5
VCC3
Supply voltage
2.7
5.5
VCC4
Supply voltage
4.5
5.5
ICC
Supply
VCC=5.0V,
READ at 1.0
MHz
0.5
2.0
mA
WRITE at 1.0
MHz
0.5
1.0
mA
ISB1
Standby current
VCC=1.8V
CS=0V
0.1
µA
ISB2
Standby current
VCC=2.5V
CS=0V
1.5
µA
ISB3
Standby current
VCC=2.7V
CS=0V
1.5
µA
ISB4
Standby current
VCC=5.0V
CS=0V
1.5
µA
ILI
Input leakage
V
in = 0V to VCC
0.1
1.0
µA
IOL
Output low voltage
V
in = 0V to VCC
0.1
1.0
µA
VIL1
VIH1
Input low voltage
Input high voltage
4.5V ≤V
CC ≤ 5.5V
-0.6
2.0
0.8
V
CC+1
V
VIL2
VIH2
Input low voltage
Input high voltage
1.8V ≤V
CC≤ 2.7V
-0.6
V
CCX0.7
V
CCX0.3
V
CC+1
V
VOL1
Output low voltage
IOL=2.1mA
0.4
V
VOH1
Output high voltage
4.5V ≤V
CC ≤
5.5V
IOH=-0.4mA
2.4
V
VOL12
Output low voltage
IOL=0.15mA
0.2
V
VOH2
Output high voltage
1.8V ≤V
CC ≤
2.7V
IOH=-100uA
VCC-0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com