Electronic Components Datasheet Search
  English  ▼

X  

ACE93C46A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE93C46A
Description  Three-wire Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE93C46A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ACE93C46A/56A/66A
Three-wire Serial EEPROM
VER 1.3
1
Description
The ACE93C46A/56A/66A series are 1024/2048/4096 bits of serial Electrical Erasable and
Programmable Read Only Memory, commonly known as EEPROM. They are organized as
64/128/256 words of 16 bits each when the ORG pin is connected to VCC (or unconnected) and
128/256/512 words of 8 bits (1 byte) each when the ORG pin is tied to ground. The devices are
fabricated with proprietary advanced CMOS process for low power and low voltage applications.
These devices are available in standard 8-lead DIP, 8-lead JEDEC SOP, 8-lead TSSOP and 8-lead
DFN packages. Our extended VCC range (1.8V to 5.5V) devices enables wide spectrum of
applications.
The ACE93C46A/56A/66A is enabled through the Chip Select pin (CS), and accessed via a 3-wire
serial interface consisting of Data Input (DI), Data Output (DO), and Shift Clock (SCL). Upon receiving
a READ instruction at DI, the address is decoded and the data is clocked out serially on the data
output pin DO. The WRITE cycle is completely self-timed and no separate ERASE cycle is required
before WRITE. The WRITE cycle is only enabled when the part is in the ERASE/WRITE ENABLE
state. Once a device begins its self-timed program procedure, the data out pin (DO) can indicate the
READY/BUSY status by rising chip select (CS).
Features
Standard Voltage and Low Voltage Operation:
ACE 93C46A/56A/66A: VCC = 1.8V to 5.5V
User Selectable Internal Organization:
ACE 93C46A:128 x 8 or 64 x 16
ACE 93C56A:256 x 8 or 128 x 16
ACE 93C66A:512 x 8 or 256 x 16
2 MHz Clock Rate (5V) Compatibility.
Industry Standard 3-wire Serial Interface.
Self-Timed ERASE/WRITE Cycles (5ms max including auto-erase).
Automatic ERAL before WRAL.
Sequential READ Function.
High Reliability: Typical 1 Million Erase/Write Cycle Endurance.
100 Years Data Retention.
Industrial Temperature Range (-40o C to 85o C).
Standard 8-pin DIP/SOP/TSSOP/DFN Pb-free
Packages


Similar Part No. - ACE93C46A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
Three-wire Serial EEPROM
VER 1.2
ACE93C46 ACE-ACE93C46 Datasheet
938Kb / 14P
Three-wire Serial EEPROM
VER 1.5
ACE93C46DP+TH ACE-ACE93C46DP+TH Datasheet
938Kb / 14P
Three-wire Serial EEPROM
VER 1.5
ACE93C46DP+UH ACE-ACE93C46DP+UH Datasheet
938Kb / 14P
Three-wire Serial EEPROM
VER 1.5
ACE93C46DPTH ACE-ACE93C46DPTH Datasheet
234Kb / 13P
Three-wire Serial EEPROM
VER 1.2
More results

Similar Description - ACE93C46A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
Three-wire Serial EEPROM
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
Three-wire Serial EEPROM
VER 1.5
logo
E-CMOS Corporation
EC93C46A E-CMOS-EC93C46A Datasheet
368Kb / 14P
Three-wire Serial EEPROM
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com