Electronic Components Datasheet Search
  English  ▼

X  

TPS92513 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92513
Description  1.5A Buck LED Driver with Integrated Analog Current Adjust
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92513 Datasheet(HTML) 2 Page - Texas Instruments

  TPS92513 Datasheet HTML 1Page - Texas Instruments TPS92513 Datasheet HTML 2Page - Texas Instruments TPS92513 Datasheet HTML 3Page - Texas Instruments TPS92513 Datasheet HTML 4Page - Texas Instruments TPS92513 Datasheet HTML 5Page - Texas Instruments TPS92513 Datasheet HTML 6Page - Texas Instruments TPS92513 Datasheet HTML 7Page - Texas Instruments TPS92513 Datasheet HTML 8Page - Texas Instruments TPS92513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS92513, TPS92513HV
SLVSCX6 – APRIL 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes........................................ 13
1
Features .................................................................. 1
9
Application and Implementation ........................ 15
2
Applications ........................................................... 1
9.1
Application Information............................................ 15
3
Description ............................................................. 1
9.2
Typical Application ................................................. 17
4
Simplified Schematics........................................... 1
9.3
Design Requirements.............................................. 17
5
Revision History..................................................... 2
9.4
Detailed Design Procedure ..................................... 18
6
Pin Configuration and Functions ......................... 3
9.5
Application Curves .................................................. 20
7
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 20
7.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 21
7.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 21
7.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 21
7.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 22
7.5
Electrical Characteristics........................................... 5
12.1
Related Links ........................................................ 22
7.6
Timing Requirements ................................................ 6
12.2
Trademarks ........................................................... 22
7.7
Typical Characteristics .............................................. 7
12.3
Electrostatic Discharge Caution ............................ 22
8
Detailed Description .............................................. 9
12.4
Glossary ................................................................ 22
8.1
Overview ................................................................... 9
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ......................................... 9
Information ........................................................... 22
8.3
Feature Description................................................... 9
5 Revision History
DATE
REVISION
NOTES
April 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS92513 TPS92513HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com