Electronic Components Datasheet Search
  English  ▼

X  

TPS92513 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92513
Description  1.5A Buck LED Driver with Integrated Analog Current Adjust
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92513 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS92513 Datasheet HTML 9Page - Texas Instruments TPS92513 Datasheet HTML 10Page - Texas Instruments TPS92513 Datasheet HTML 11Page - Texas Instruments TPS92513 Datasheet HTML 12Page - Texas Instruments TPS92513 Datasheet HTML 13Page - Texas Instruments TPS92513 Datasheet HTML 14Page - Texas Instruments TPS92513 Datasheet HTML 15Page - Texas Instruments TPS92513 Datasheet HTML 16Page - Texas Instruments TPS92513 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
OUT
IN
SW
ON(min)
V
V
f
t
=
´
IN
ON(min)
SW
PEAK
ISENSE
OUT
V
t
f
I
L
R
C
´
´
=
+
DELAY
COMP
0.7 V
t
C
28
A
=
´
m
TPS92513, TPS92513HV
www.ti.com
SLVSCX6 – APRIL 2015
8.4 Device Functional Modes
8.4.1 Start-Up
To reduce inrush current and to keep the regulator in control during all startup conditions the TPS92513 employs
a startup mode that behaves differently than during normal operation (regulation mode). The UVLO conditions
must be satisfied before the TPS92513 is allowed to switch. When the UVLO pin is held low the device enters a
low-power shutdown mode, and some internal circuits are deactivated to conserve power. When UVLO returns
high these circuits are enabled, which results in a delay of approximately 50 µs (typical) before switching starts.
During start-up the TPS92513 operates in a minimum pulse width mode which is an open-loop control. At the
start of each switching cycle the internal oscillator initiates a SET pulse. The high-side MOSFET turns on with a
minimum pulse width of 140 ns (typical), independent of the COMP voltage. The device does not pulse skip.
While operating in minimum pulse width mode, the LED bypass capacitor is being charged causing an in-rush
current. Also, the COMP voltage begins to rise as the error amplifier output current charges the compensation
capacitor. When the COMP voltage reaches approximately 0.7 V, the error amplifier is ensured to be out of
saturation and to have sufficient gain to regulate the loop. The TPS92513 then transitions from minimum pulse
width mode to regulation mode. During regulation mode the error amplifier is now in closed-loop control of the
system. The gain of the error amplifier quickly increases the duty cycle, which causes the output voltage to
increase. Once the output voltage approaches the forward voltage of the LED string, the LED current quickly
begins to increase until it reaches regulation.
There is a slight delay from the time the VIN and EN UVLO conditions are satisfied until the time the error
amplifier has control of the feedback loop. This delay is a result of the time it takes COMP to charge the
compensation capacitor to 0.7 V. This delay can be approximated as shown in Equation 10.
(10)
The peak inrush current, IPEAK, can be calculated to a first order approximation using Equation 11 and the value
of the output capacitor, COUT.
(11)
8.4.2 Minimum Pulse Width and Limitations
The TPS92513 is designed to output a minimum pulse width during each switching cycle of 140 ns (typical). The
control loop cannot regulate the system to an on-time less than this amount, and it does not skip pulses. When
attempting to operate below the minimum on-time the system loses regulation and the LED current increases.
This puts a practical limitation on the system operating conditions, as shown in Equation 12.
(12)
Where VOUT equals the forward voltage of the LED string plus the reference voltage VISENSE.
The system can avoid this operating condition by limiting the maximum input voltage as shown in Equation 12. If
the input voltage cannot be limited due to application, then the switching frequency can be lowered, or the output
voltage increased. This region of operation typically occurs with high input voltages, high operating frequencies,
and low output voltages.
8.4.3 Maximum Duty Cycle and Bootstrap Voltage (BOOT)
The TPS92513 requires a small 0.1 µF ceramic capacitor between the BOOT and PH pins to provide the gate
drive voltage for the high-side MOSFET. The BOOT capacitor is refreshed when the high-side MOSFET turns
off, and the freewheeling rectifier diode conducts. A ceramic capacitor with an X7R or X5R dielectric and a
minimum voltage rating of 10 V is recommended.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS92513 TPS92513HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com