Electronic Components Datasheet Search
  English  ▼

X  

TPS92513 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92513
Description  1.5A Buck LED Driver with Integrated Analog Current Adjust
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92513 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS92513 Datasheet HTML 17Page - Texas Instruments TPS92513 Datasheet HTML 18Page - Texas Instruments TPS92513 Datasheet HTML 19Page - Texas Instruments TPS92513 Datasheet HTML 20Page - Texas Instruments TPS92513 Datasheet HTML 21Page - Texas Instruments TPS92513 Datasheet HTML 22Page - Texas Instruments TPS92513 Datasheet HTML 23Page - Texas Instruments TPS92513 Datasheet HTML 24Page - Texas Instruments TPS92513 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
BO O T
VIN
UVLO
PDIM
RT/ CLK
PH
G ND
CO MP
ISENSE
IADJ
THERMAL/PO WER VIA
G ND
G ND
VIN
CCOMP
L
D
COUT
+
-
RP
RIADJ
RISENSE
RRT
CIN
CBOOT
RUVLO
RUVLO
LED+
LED-
TPS92513, TPS92513HV
www.ti.com
SLVSCX6 – APRIL 2015
11 Layout
The TPS92513 requires a proper layout for optimal performance. The following section gives some guidelines to
ensure a proper layout.
11.1 Layout Guidelines
An example of a proper layout for the TPS92513 is shown in Figure 17. Creating a large GND plane under the
integrated circuit (IC) for good electrical and thermal performance is important.
•
The GND pin of the device must connect to the GND plane directly beneath the IC.
•
Thermal vias can be used to connect the topside GND plane to additional printed-circuit board (PCB) layers
for heat spreading and more solid grounding.
•
The input capacitors must be located as close as possible to the VIN pin and the GND plane and should be
tied to a solid backside ground plane using multiple vias.
•
The compensation components must be located as close as possible to the COMP and GND pins in order to
minimize noise sensitivity.
•
The PH trace must be kept as short as possible to reduce the possibility of radiated noise/EMI.
•
The ISENSE node should be kept as short as possible and shielded from noise.
•
The RT/CLK pin is sensitive and its routing must be kept as short as possible.
•
In higher current applications, routing the load current of the current-sense resistor to the junction of the input
capacitor and rectifier diode GND node may be necessary. The easiest way to accomplish this is to use a
backside ground plane and arrays of vias to connect the top side ground connections solidly to the backside
plane. This steers the high current away from the sensitive RT/CLK to GND connection.
•
If possible, the current loop created when the internal MOSFET is on should be in the same direction as the
current loop when the internal MOSFET is off and the schottky diode is conducting. This will prevent magnetic
field reversal, reduce radiated noise, and simplify EMI filtering.
11.2 Layout Example
Figure 17. Layout Example
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS92513 TPS92513HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com