Electronic Components Datasheet Search
  English  ▼

X  

LM1238 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1238
Description  110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1238 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1238 Datasheet HTML 3Page - National Semiconductor (TI) LM1238 Datasheet HTML 4Page - National Semiconductor (TI) LM1238 Datasheet HTML 5Page - National Semiconductor (TI) LM1238 Datasheet HTML 6Page - National Semiconductor (TI) LM1238 Datasheet HTML 7Page - National Semiconductor (TI) LM1238 Datasheet HTML 8Page - National Semiconductor (TI) LM1238 Datasheet HTML 9Page - National Semiconductor (TI) LM1238 Datasheet HTML 10Page - National Semiconductor (TI) LM1238 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Typical Performance
Characteristics V
CC = 5V, TA = 25˚C unless
otherwise specified (Continued)
Figure 2 and Figure 3 show the case where the Horizontal
and Vertical inputs are logic levels. Figure 2 shows the
smaller pin 24 voltage superimposed on the horizontal
blanking pulse input to the neck board with R
H = 4.7K and
C
17 = 0.1µF. Note where the voltage at pin 24 is clamped to
about 1 volt when the pin is sinking current. Figure 3 shows
the smaller pin 1 voltage superimposed on the vertical blank-
ing input to the neck board with C
4 jumpered and RV = 4.7K.
Figure 4 and Figure 5 show the case where the horizontal
and vertical inputs are from deflection. Figure 4 shows the
pin 24 voltage which is derived from a horizontal flyback
pulse of 35 volts peak to peak with R
H = 8.2K and C17
jumpered. Figure 5 shows the pin 1 voltage which is derived
from a vertical flyback pulse of 55 volts peak to peak with C
4
= 1500pF and R
V = 120K.
Figure 6 shows the pin 23 clamp input voltage superimposed
on the neck board clamp logic input pulse. R
31 = 1K and
should be chosen to limit the pin 23 voltage to about 2.5V
peak to peak. This corresponds to the application circuit
given in Figure 9.
CATHODE RESPONSE
Figure 7 shows the response at the red cathode for the
application circuit in Figures 9, 10. The input video risetime is
1.5 nanoseconds. The resulting leading edge has a 10.1
nanosecond risetime and a 8% overshoot, while the trailing
edge has a 8.3 nanosecond risetime and a 2% overshoot
with an LM2469 driver.
ABL GAIN REDUCTION
The ABL function reduces the contrast level of the LM1238
as the voltage on pin 22 is lowered from V
CC to around 2
volts. Figure 8 shows the amount of gain reduction as the
voltage is lowered from V
CC (5.0V) to 2V. The gain reduction
is small until V
22 reaches the knee anound 3.7V, where the
slope increases. Many system designs will require about 3 to
5 dB of gain reduction in full beam limiting. Additional attenu-
ation is possible, and can be used in special circumstances.
However, in this case, video performance such as video
linearity and tracking between channels will tend to depart
from normal specifications.
OSD PHASE LOCKED LOOP
Table 2 shows the recommended horizontal scan rate
ranges (in kHz) for each combination of PLL register setting,
0x081E [1:0], and the pixels per line register setting, 0x0802
[7:6]. While the OSD PLL may lock for other combinations,
the performance of the loop will be improved if these recom-
mendations are followed. NR means the combination of PLL
and PPL is not recommended for any scan rate.
TABLE 2. OSD Register Recommendations
Pixels per Line
PLL Range
130
176
240
352
1
30-45
30-41
30-40
30-41
2
45-89
41-82
40-79
41-82
3
89-100
82-100
79-100
82-100
20038759
FIGURE 7. Red Cathode Response
20038760
FIGURE 8. ABL Gain Reduction Curve
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com