Electronic Components Datasheet Search
  English  ▼

X  

LM1238 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1238
Description  110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1238 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM1238 Datasheet HTML 13Page - National Semiconductor (TI) LM1238 Datasheet HTML 14Page - National Semiconductor (TI) LM1238 Datasheet HTML 15Page - National Semiconductor (TI) LM1238 Datasheet HTML 16Page - National Semiconductor (TI) LM1238 Datasheet HTML 17Page - National Semiconductor (TI) LM1238 Datasheet HTML 18Page - National Semiconductor (TI) LM1238 Datasheet HTML 19Page - National Semiconductor (TI) LM1238 Datasheet HTML 20Page - National Semiconductor (TI) LM1238 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Microcontroller Interface
The microcontroller interfaces to the LM1238 preamp via the
I
2C compatible interface. The protocol of the interface begins
with a Start Pulse followed by a byte comprised of a seven
bit Slave Device Address and a Read/Write bit. Since the
first byte is composed of both the address and the read/write
bit, the address of the LM1238 for writing is 0xBA
(10111010b)
and
the
address
for
reading
is
0xBB
(10111011b). The development software provided by Na-
tional Semiconductor will automatically take care of the dif-
ference between the read and write addresses if the target
address under the communications tab is set to 0xBA. Fig-
ure 15 and Figure 16 show a write and read sequence on the
I
2C compatible interface.
WRITE SEQUENCE
The write sequence begins with a start condition which
consists of the master pulling SDA low while SCL is held
high. The slave device address is next sent. The address
byte is made up of an address of seven bits (7-1) and the
read/write bit (0). Bit 0 is low to indicate a write operation.
Each byte that is sent is followed by an acknowledge. When
SCL is high the master will release the SDA line. The slave
must pull SDA low to acknowledge. The register to be written
to is next sent in two bytes, the least significant byte being
sent first. The master can then send the data, which consists
of one or more bytes. Each data byte is followed by an
acknowledge bit. If more than one data byte is sent the data
will increment to the next address location. See Figure 15.
READ SEQUENCE
Read sequences are comprised of two I
2C compatible trans-
fer sequences: The first is a write sequence that only trans-
fers the two byte address to be accessed. The second is a
read sequence that starts at the address transferred in the
previous address only write access and increments to the
next address upon every data byte read. This is shown in
Figure 16. The write sequence consists of the Start Pulse,
the Slave Device Address, the Read/Write bit (a zero, indi-
cating a write) and the Acknowledge bit; the next byte is the
least significant byte of the address to be accessed, followed
by its Acknowledge bit. This is then followed by a byte
containing the most significant address byte, followed by its
Acknowledge bit. Then a Stop bit indicates the end of the
address only write access. Next the read data access will be
performed beginning with the Start Pulse, the Slave Device
Address, the Read/Write bit ( a one, indicating a read) and
the Acknowledge bit. The next 8 bits will be the read data
driven out by the LM1238 preamp associated with the ad-
dress indicated by the two address bytes. Subsequent read
data bytes will correspond to the next increment address
locations. Data should only be read from the LM1238 when
both OSD windows are disabled.
20038726
FIGURE 15. I
2C Compatible Write Sequence
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com