Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2403AVFS Datasheet(PDF) 119 Page - Texas Instruments

Part # TMS320LF2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2403AVFS Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS320LF2403AVFS Datasheet HTML 115Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 116Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 117Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 118Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 119Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 120Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 121Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 122Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
119
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
CONTROLLER AREA NETWORK (CAN) CONFIGURATION CONTROL REGISTERS (CONTINUED)
Message Object #1
07208h
IDL−15
IDL−14
IDL−13
IDL−12
IDL−11
IDL−10
IDL−9
IDL−8
MSGID1L
07208h
IDL−7
IDL−6
IDL−5
IDL−4
IDL−3
IDL−2
IDL−1
IDL−0
MSGID1L
07209h
IDE
AME
AAM
IDH−28
IDH−27
IDH−26
IDH−25
IDH−24
MSGID1H
07209h
IDH−23
IDH−22
IDH−21
IDH−20
IDH−19
IDH−18
IDH−17
IDH−16
MSGID1H
0720Ah
—
—
—
—
—
—
—
—
MSGCTRL1
0720Ah
—
—
—
RTR
DLC3
DLC2
DLC1
DLC0
MSGCTRL1
0720Bh
Reserved
0720Ch
D15
D14
D13
D12
D11
D10
D9
D8
MBX1A
0720Ch
D7
D6
D5
D4
D3
D2
D1
D0
MBX1A
0720Dh
D15
D14
D13
D12
D11
D10
D9
D8
MBX1B
0720Dh
D7
D6
D5
D4
D3
D2
D1
D0
MBX1B
0720Eh
D15
D14
D13
D12
D11
D10
D9
D8
MBX1C
0720Eh
D7
D6
D5
D4
D3
D2
D1
D0
MBX1C
0720Fh
D15
D14
D13
D12
D11
D10
D9
D8
MBX1D
0720Fh
D7
D6
D5
D4
D3
D2
D1
D0
MBX1D
Message Object #2
07210h
IDL−15
IDL−14
IDL−13
IDL−12
IDL−11
IDL−10
IDL−9
IDL−8
MSGID2L
07210h
IDL−7
IDL−6
IDL−5
IDL−4
IDL−3
IDL−2
IDL−1
IDL−0
MSGID2L
07211h
IDE
AME
AAM
IDH−28
IDH−27
IDH−26
IDH−25
IDH−24
MSGID2H
07211h
IDH−23
IDH−22
IDH−21
IDH−20
IDH−19
IDH−18
IDH−17
IDH−16
MSGID2H
07212h
—
—
—
—
—
—
—
—
MSGCTRL2
07212h
—
—
—
RTR
DLC3
DLC2
DLC1
DLC0
MSGCTRL2
07213h
Reserved
07214h
D15
D14
D13
D12
D11
D10
D9
D8
MBX2A
07214h
D7
D6
D5
D4
D3
D2
D1
D0
MBX2A
07215h
D15
D14
D13
D12
D11
D10
D9
D8
MBX2B
07215h
D7
D6
D5
D4
D3
D2
D1
D0
MBX2B
07216h
D15
D14
D13
D12
D11
D10
D9
D8
MBX2C
07216h
D7
D6
D5
D4
D3
D2
D1
D0
MBX2C
07217h
D15
D14
D13
D12
D11
D10
D9
D8
MBX2D
07217h
D7
D6
D5
D4
D3
D2
D1
D0
MBX2D
Message Object #3
07218h
IDL−15
IDL−14
IDL−13
IDL−12
IDL−11
IDL−10
IDL−9
IDL−8
MSGID3L
07218h
IDL−7
IDL−6
IDL−5
IDL−4
IDL−3
IDL−2
IDL−1
IDL−0
MSGID3L
07219h
IDE
AME
AAM
IDH−28
IDH−27
IDH−26
IDH−25
IDH−24
MSGID3H
07219h
IDH−23
IDH−22
IDH−21
IDH−20
IDH−19
IDH−18
IDH−17
IDH−16
MSGID3H
0721Ah
—
—
—
—
—
—
—
—
MSGCTRL3
0721Ah
—
—
—
RTR
DLC3
DLC2
DLC1
DLC0
MSGCTRL3
0721Bh
Reserved
0721Ch
D15
D14
D13
D12
D11
D10
D9
D8
MBX3A
0721Ch
D7
D6
D5
D4
D3
D2
D1
D0
MBX3A
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com