Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2403AVFS Datasheet(PDF) 121 Page - Texas Instruments

Part # TMS320LF2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2403AVFS Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS320LF2403AVFS Datasheet HTML 117Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 118Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 119Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 120Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 121Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 122Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 123Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 124Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
121
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
GENERAL-PURPOSE (GP) TIMER CONFIGURATION CONTROL REGISTERS − EVA
07400h
—
T2STAT
T1STAT
—
T2TOADC
T1TOADC(1)
GPTCONA
07400h
T1TOADC(0)
TCOMPOE
—
T2PIN
T1PIN
GPTCONA
07401h
D15
D14
D13
D12
D11
D10
D9
D8
T1CNT
07401h
D7
D6
D5
D4
D3
D2
D1
D0
T1CNT
07402h
D15
D14
D13
D12
D11
D10
D9
D8
T1CMPR
07402h
D7
D6
D5
D4
D3
D2
D1
D0
T1CMPR
07403h
D15
D14
D13
D12
D11
D10
D9
D8
T1PR
07403h
D7
D6
D5
D4
D3
D2
D1
D0
T1PR
07404h
FREE
SOFT
—
TMODE1
TMODE0
TPS2
TPS1
TPS0
T1CON
07404h
—
TENABLE
TCLKS1
TCLKS0
TCLD1
TCLD0
TECMPR
—
T1CON
07405h
D15
D14
D13
D12
D11
D10
D9
D8
T2CNT
07405h
D7
D6
D5
D4
D3
D2
D1
D0
T2CNT
07406h
D15
D14
D13
D12
D11
D10
D9
D8
T2CMPR
07406h
D7
D6
D5
D4
D3
D2
D1
D0
T2CMPR
07407h
D15
D14
D13
D12
D11
D10
D9
D8
T2PR
07407h
D7
D6
D5
D4
D3
D2
D1
D0
T2PR
07408h
FREE
SOFT
—
TMODE1
TMODE0
TPS2
TPS1
TPS0
T2CON
07408h
T2SWT1
TENABLE
TCLKS1
TCLKS0
TCLD1
TCLD0
TECMPR
SELT1PR
T2CON
07409h
to
07410h
Illegal
FULL AND SIMPLE COMPARE UNIT REGISTERS − EVA
07411h
CENABLE
CLD1
CLD0
SVENABLE
ACTRLD1
ACTRLD0
FCOMPOE
PDPINTA
STATUS
COMCONA
07411h
—
—
—
—
—
—
—
—
COMCONA
07412h
Illegal
07413h
SVRDIR
D2
D1
D0
CMP6ACT1
CMP6ACT0
CMP5ACT1
CMP5ACT0
ACTRA
07413h
CMP4ACT1
CMP4ACT0
CMP3ACT1
CMP3ACT0
CMP2ACT1
CMP2ACT0
CMP1ACT1
CMP1ACT0
ACTRA
07414h
Illegal
07414h
Illegal
07415h
—
—
—
—
DBT3
DBT2
DBT1
DBT0
DBTCONA
07415h
EDBT3
EDBT2
EDBT1
DBTPS2
DBTPS1
DBTPS0
—
—
DBTCONA
07416h
Illegal
07417h
D15
D14
D13
D12
D11
D10
D9
D8
CMPR1
07417h
D7
D6
D5
D4
D3
D2
D1
D0
CMPR1
07418h
D15
D14
D13
D12
D11
D10
D9
D8
CMPR2
07418h
D7
D6
D5
D4
D3
D2
D1
D0
CMPR2
07419h
D15
D14
D13
D12
D11
D10
D9
D8
CMPR3
07419h
D7
D6
D5
D4
D3
D2
D1
D0
CMPR3
0741Ah
to
0741Fh
Illegal
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com