Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2403AVFS Datasheet(PDF) 125 Page - Texas Instruments

Part # TMS320LF2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2403AVFS Datasheet(HTML) 125 Page - Texas Instruments

Back Button TMS320LF2403AVFS Datasheet HTML 121Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 122Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 123Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 124Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 125Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 126Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 127Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 128Page - Texas Instruments TMS320LF2403AVFS Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
125
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
KEY REGISTERS
077F0h
High Word of the 64 Bit KEY Register
KEY3
077F0h
High Word of the 64-Bit KEY Register
KEY3
077F1h
Third Word of the 64 Bit KEY Register
KEY2
077F1h
Third Word of the 64-Bit KEY Register
KEY2
077F2h
Second Word of the 64 Bit KEY Register
KEY1
077F2h
Second Word of the 64-Bit KEY Register
KEY1
077F3h
Low Word of the 64 Bit KEY Register
KEY0
077F3h
Low Word of the 64-Bit KEY Register
KEY0
PROGRAM MEMORY SPACE − FLASH REGISTERS
0xx00h
—
—
—
—
—
—
—
—
PMPC
0xx00h
—
—
—
—
PWR DWN
KEY1
KEY0
EXEC
PMPC
0xx01h
—
—
—
—
—
—
WSVER EN
PRECND
Mode1
CTRL†
0xx01h
PRECND
Mode0
ENG/R
Mode2
ENG/R
Mode1
ENG/R
Mode0
FCM3
FCM2
FCM1
FCM0
CTRL†
0xx02h
WADDR
0xx02h
WADDR
0xx03h
WDATA
0xx03h
WDATA
0xx04h
—
—
—
—
—
—
—
—
TCR
0xx04h
—
—
—
—
—
—
—
—
TCR
0xx05h
—
—
—
—
—
—
—
—
ENAB
0xx05h
—
—
—
—
—
—
—
—
ENAB
—
—
—
—
—
—
—
—
0xx06h
—
—
—
—
SECT 4
ENABLE
SECT 3
ENABLE
SECT 2
ENABLE
SECT 1
ENABLE
SECT
I/O MEMORY SPACE
0FF0Fh
—
—
—
—
—
—
—
—
FCMR
0FF0Fh
—
—
—
—
—
—
—
—
FCMR
WAIT-STATE GENERATOR CONTROL REGISTER
0FFFFh
—
—
—
—
—
BVIS.1
BVIS.0
ISWS.2
WSGR
0FFFFh
ISWS.1
ISWS.0
DSWS.2
DSWS.1
DSWS.0
PSWS.2
PSWS.1
PSWS.0
WSGR
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.
† Register shown with bits set in register mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com