Electronic Components Datasheet Search
  English  ▼

X  

MIC5248 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5248
Description  150mA UCap CMOS LDO Regulator w/Power Good
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5248 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5248 Datasheet HTML 3Page - Micrel Semiconductor MIC5248 Datasheet HTML 4Page - Micrel Semiconductor MIC5248 Datasheet HTML 5Page - Micrel Semiconductor MIC5248 Datasheet HTML 6Page - Micrel Semiconductor MIC5248 Datasheet HTML 7Page - Micrel Semiconductor MIC5248 Datasheet HTML 8Page - Micrel Semiconductor MIC5248 Datasheet HTML 9Page - Micrel Semiconductor MIC5248 Datasheet HTML 10Page - Micrel Semiconductor MIC5248 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MIC5248
Micrel
November 2002
7
MIC5248
Applications Information
Enable/Shutdown
The MIC5248 comes with an active-high enable pin that
allows the regulator to be disabled. Forcing the enable pin low
disables the regulator and sends it into a “zero” off-mode-
current state. In this state, current consumed by the regulator
goes nearly to zero. Forcing the enable pin high enables the
output voltage. This part is CMOS and the enable pin cannot
be left floating; a floating enable pin may cause an indetermi-
nate state on the output.
Input Capacitor
An input capacitor is not required for stability. A 1
µF input
capacitor is recommended when the bulk ac supply capaci-
tance is more than 10 inches away from the device, or when
the supply is a battery.
Output Capacitor
The MIC5248 requires an output capacitor for stability. The
design requires 1
µF or greater on the output to maintain
stability. The capacitor can be a low-ESR ceramic chip
capacitor. The MIC5248 has been designed to work specifi-
cally with the low-cost, small chip capacitors. Tantalum
capacitors can also be used for improved capacitance over
temperature. The value of the capacitor can be increased
without bound.
X7R dielectric ceramic capacitors are recommended be-
cause of their temperature performance. X7R-type capaci-
tors change capacitance by 15% over their operating tem-
perature range and are the most stable type of ceramic
capacitors. Z5U and Y5V dielectric capacitors change value
by as much 50% and 60% respectively over their operating
temperature ranges. To use a ceramic chip capacitor with
Y5V dielectric, the value must be much higher than an X7R
ceramic or a tantalum capacitor to ensure the same minimum
capacitance value over the operating temperature range.
Tantalum capacitors have a very stable dielectric (10% over
their operating temperature range) and can also be used with
this device.
Power Good
The Power Good output is an open-drain output. It is de-
signed essentially to work as a power-on reset generator
once the regulated voltage was up and/or a fault condition.
The output of the Power Good drives low when a fault
condition AND an undervoltage detection occurs. The Power
Good output come back up once the output has reached
96.5% of its nominal value and a 1ms to 5ms delay has
passed. See “Timing Diagram.”
The MIC5248’s internal circuit intelligently monitors
overcurrent, over-temperature and dropout conditions and
ORs these outputs together to indicate some fault condition.
This output is fed into an on-board delay circuitry that drives
the open drain transistor to indicate a fault.
Transient Response
The MIC5248 implements a unique output stage to dramati-
cally improve transient response recovery time. The output is
a totem-pole configuration with a P-channel MOSFET pass
device and an N-channel MOSFET clamp. The N-channel
clamp is a significantly smaller device that prevents the
output voltage from overshooting when a heavy load is
removed. This feature helps to speed up the transient re-
sponse by significantly decreasing transient response recov-
ery time during the transition from heavy load (100mA) to light
load (100
µA).
Active Shutdown
The MIC5248 also features an active shutdown clamp, which
is an N-channel MOSFET that turns on when the device is
disabled. This allows the output capacitor and load to dis-
charge, de-energizing the load.
Thermal Considerations
The MIC5248 is designed to provide 150mA of continuous
current in a very small package. Maximum power dissipation
can be calculated based on the output current and the voltage
drop across the part. To determine the maximum power
dissipation of the package, use the junction-to-ambient ther-
mal resistance of the device and the following basic equation:
P
TT
D(max)
J(max)
A
JA
=
−


θ
T
J(max) is the maximum junction temperature of the die,
125
°C, and T
A is the ambient operating temperature. θJA is
layout dependent; Table 1 shows examples of junction-to-
ambient thermal resistance for the MIC5248.
Package
θθθθθ
JA Recommended
θθθθθ
JA 1" Square
θθθθθ
JC
Minimum Footprint
Copper Clad
SOT-23-5 (M5)
235
°C/W
185
°C/W
145
°C/W
Table 1. SOT-23-5 Thermal Resistance
The actual power dissipation of the regulator circuit can be
determined using the equation:
P
D = (VIN – VOUT) IOUT + VIN IGND
Substituting P
D(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For
example, when operating the MIC5248-1.2BM5 at 50
°C with
a minimum footprint layout, the maximum input voltage for a
set output current can be determined as follows:
P
125 C
5
C
235 C/W
D(max) =
°−
°
°


0
P
D(max) = 315mW
The junction-to-ambient thermal resistance for the minimum
footprint is 235
°C/W, from Table 1. The maximum power
dissipation must not be exceeded for proper operation. Using
the output voltage of 1.2V and an output current of 150mA,
the maximum input voltage can be determined. Because this
device is CMOS and the ground current is typically 100
µA
over the load range, the power dissipation contributed by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com