Electronic Components Datasheet Search
  English  ▼

X  

MIC5248 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5248
Description  150mA UCap CMOS LDO Regulator w/Power Good
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5248 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5248 Datasheet HTML 1Page - Micrel Semiconductor MIC5248 Datasheet HTML 2Page - Micrel Semiconductor MIC5248 Datasheet HTML 3Page - Micrel Semiconductor MIC5248 Datasheet HTML 4Page - Micrel Semiconductor MIC5248 Datasheet HTML 5Page - Micrel Semiconductor MIC5248 Datasheet HTML 6Page - Micrel Semiconductor MIC5248 Datasheet HTML 7Page - Micrel Semiconductor MIC5248 Datasheet HTML 8Page - Micrel Semiconductor MIC5248 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MIC5248
Micrel
November 2002
3
MIC5248
Electrical Characteristics
V
IN = 2.7V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
I
OUT = 100µA
–33
%
–44
%
∆V
LNR
Line Regulation
V
IN = 2.7V to 6V
–0.3
0
0.3
%/V
∆V
LDR
Load Regulation
I
OUT = 0.1mA to 150mA, Note 4
4.0
5.0
%
I
Q
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.45
1
µA
I
GND
Ground Pin Current, Note 5
I
OUT = 0mA; VIN = 6.0V
100
150
µA
I
OUT = 150mA; VIN = 6.0V
100
150
µA
PSRR
Power Supply Rejection
f = 120Hz, C
OUT = 4.7µF, IOUT = 150mA
60
dB
I
LIM
Current Limit
V
OUT = 0V
160
350
mA
Enable Input
V
IL
Enable Input Logic-Low Voltage
V
IN = 5.5V, regulator shutdown
0.4
V
V
IH
Enable Input Logic-High Voltage
V
IN = 5.5V, regulator enabled
1.6
V
I
EN
Enable Input Current
V
IL ≤ 0.4V; VIN = 5.5V
0.01
µA
V
IH ≥ 1.6V; VIN = 5.5V
0.01
µA
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
Power Good, Note 6
V
PG
Low Threshold
% of V
OUT (PG ON)
89.5
%
High Threshold
% of V
OUT (PG OFF)
96.5
%
V
OL
PG Output Logic-Low Voltage
I
L = 100µA, fault condition
0.02
0.1
V
I
PG
Power Good Leakage Current
power good off, V
PG = 5.5V
0.01
µA
V
PG Delay
Delay Time to Power Good
See “Timing Diagram”
15
ms
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 5.
Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground
pin current.
Note 6.
The power good is a function of the output voltage being 5% low and the detection of one of the following: overcurrent, over-temperature or
dropout. See “Applications Information” section for additional information.
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (V
IN) .................................. 0V to +7V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Flag Output Voltage (V
PG) ................................... 0V to VIN
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD, Note 3
Operating Ratings (Note 2)
Input Voltage (V
IN) ......................................... +2.7V to +6V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Flag Output Voltage (V
PG) ................................... 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance
SOT-23
(θ
JA) ...................................................... 235°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com