Electronic Components Datasheet Search
  English  ▼

X  

MIC5248 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5248
Description  150mA UCap CMOS LDO Regulator w/Power Good
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5248 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5248 Datasheet HTML 1Page - Micrel Semiconductor MIC5248 Datasheet HTML 2Page - Micrel Semiconductor MIC5248 Datasheet HTML 3Page - Micrel Semiconductor MIC5248 Datasheet HTML 4Page - Micrel Semiconductor MIC5248 Datasheet HTML 5Page - Micrel Semiconductor MIC5248 Datasheet HTML 6Page - Micrel Semiconductor MIC5248 Datasheet HTML 7Page - Micrel Semiconductor MIC5248 Datasheet HTML 8Page - Micrel Semiconductor MIC5248 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC5248
Micrel
MIC5248
4
November 2002
Block Diagrams
Reference
Voltage
EN
Quickstart
Under-
voltage
Lockout
Thermal
Sensor
IN
FAULT
GND
ACTIVE SHUTDOWN
PULL
UP
PULL
DOWN
Overcurrent
Dropout
Detection
Out of
Regulation
Detection
PG
OUT
Current
Amplifier
Startup/
Shutdown
Control
Error
Amplifier
Delay
Timing Diagram
1-5ms
1-5ms
Min - Max
96.5%
96.5%
89.5%
VOUT
VEN
VPG
Indeterminable
when VEN low
Fault Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com